Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7705 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7705 Datasheet HTML 3Page - Analog Devices AD7705 Datasheet HTML 4Page - Analog Devices AD7705 Datasheet HTML 5Page - Analog Devices AD7705 Datasheet HTML 6Page - Analog Devices AD7705 Datasheet HTML 7Page - Analog Devices AD7705 Datasheet HTML 8Page - Analog Devices AD7705 Datasheet HTML 9Page - Analog Devices AD7705 Datasheet HTML 10Page - Analog Devices AD7705 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD7705/AD7706
–7–
REV. A
Pin No.
Mnemonic
Function
10
REF IN(–)
Reference Input. Negative input of the differential reference input to the AD7705/AD7706.
The REF IN(–) can lie anywhere between VDD and GND provided REF IN(+) is greater
than REF IN(–).
11
AIN2(–)[AIN3]
AD7705: Negative input of the differential analog Input Channel 2. AD7706: Analog Input
Channel 3.
12
DRDY
Logic Output. A logic low on this output indicates that a new output word is available from
the AD7705/AD7706 data register. The
DRDY pin will return high upon completion of a
read operation of a full output word. If no data read has taken place between output updates,
the
DRDY line will return high for 500
× t
CLK IN cycles prior to the next output update.
While
DRDY is high, a read operation should neither be attempted nor in progress to avoid
reading from the data register as it is being updated. The
DRDY line will return low again
when the update has taken place.
DRDY is also used to indicate when the AD7705/AD7706
has completed its on-chip calibration sequence.
13
DOUT
Serial Data Output with serial data being read from the output shift register on the part. This
output shift register can contain information from the setup register, communications regis-
ter, clock register or data register, depending on the register selection bits of the Communica-
tions Register.
14
DIN
Serial Data Input with serial data being written to the input shift register on the part. Data
from this input shift register is transferred to the setup register, clock register or communica-
tions register, depending, on the register selection bits of the Communications Register.
15
VDD
Supply Voltage, +2.7 V to +5.25 V operation.
16
GND
Ground reference point for the AD7705/AD7706’s internal circuitry.
OUTPUT NOISE (5 V OPERATION)
Table I shows the AD7705/AD7706 output rms noise for the selectable notch and –3 dB frequencies for the part, as selected by FS0
and FS1 of the Clock Register. The numbers given are for the bipolar input ranges with a VREF of +2.5 V and VDD = 5 V. These
numbers are typical and are generated at an analog input voltage of 0 V with the part used in either buffered or unbuffered mode. Table II
meanwhile shows the output peak-to-peak noise for the selectable notch and –3 dB frequencies for the part. It is important to note that
these numbers represent the resolution for which there will be no code flicker. They are not calculated based on rms noise but on peak-to-peak
noise. The numbers given are for bipolar input ranges with a VREF of +2.5 V and for either buffered or unbuffered mode. These num-
bers are typical and are rounded to the nearest LSB. The numbers apply for the CLK DIV bit of the Clock Register set to 0.
Table I. Output RMS Noise vs. Gain and Output Update Rate @ 5 V
Filter First
Typical Output RMS Noise in
V
Notch and O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
124816
32
64
128
MCLK IN = 2.4576 MHz
50 Hz
13.1 Hz
4.1
2.1
1.2
0.75
0.7
0.66
0.63
0.6
60 Hz
15.72 Hz
5.1
2.5
1.4
0.8
0.75
0.7
0.67
0.62
250 Hz
65.5 Hz
110
49
31
17
8
3.6
2.3
1.7
500 Hz
131 Hz
550
285
145
70
41
22
9.1
4.7
MCLK IN = 1 MHz
20 Hz
5.24 Hz
4.1
2.1
1.2
0.75
0.7
0.66
0.63
0.6
25 Hz
6.55 Hz
5.1
2.5
1.4
0.8
0.75
0.7
0.67
0.62
100 Hz
26.2 Hz
110
49
31
17
8
3.6
2.3
1.7
200 Hz
52.4 Hz
550
285
145
70
41
22
9.1
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com