Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7705 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7705 Datasheet HTML 17Page - Analog Devices AD7705 Datasheet HTML 18Page - Analog Devices AD7705 Datasheet HTML 19Page - Analog Devices AD7705 Datasheet HTML 20Page - Analog Devices AD7705 Datasheet HTML 21Page - Analog Devices AD7705 Datasheet HTML 22Page - Analog Devices AD7705 Datasheet HTML 23Page - Analog Devices AD7705 Datasheet HTML 24Page - Analog Devices AD7705 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD7705/AD7706
–21–
REV. A
When operating with a clock frequency of 2.4576 MHz, there is
50
µA difference in the current between an externally applied
clock and a crystal resonator when operating with a VDD of
+3 V. With VDD = +5 V and fCLKIN = 2.4576 MHz, the typical
current increases by 250
µA for a crystal/resonator supplied
clock versus an externally applied clock. The ESR values for
crystals and resonators at this frequency tend to be low and as a
result there tends to be little difference between different crystal
and resonator types.
When operating with a clock frequency of 1 MHz, the ESR
value for different crystal types varies significantly. As a result,
the current drain varies across crystal types. When using a crys-
tal with an ESR of 700
Ω or when using a ceramic resonator, the
increase in the typical current over an externally-applied clock is
20
µA with V
DD = +3 V and 200
µA with V
DD = +5 V. When
using a crystal with an ESR of 3 k
Ω, the increase in the typical
current over an externally applied clock is again 100
µA with
VDD = +3 V but 400
µA with V
DD = +5 V.
The on-chip oscillator circuit also has a start-up time associated
with it before it is oscillating at its correct frequency and correct
voltage levels. Typical start-up times with VDD = 5 V are 6 ms
using a 4.9512 MHz crystal, 16 ms with a 2.4576 MHz crystal
and 20 ms with a 1 MHz crystal oscillator. Start-up times are
typically 20% slower when the power supply voltage is reduced
to 3 V. At 3 V supplies, depending on the loading capacitances
on the MCLK pins, a 1 M
Ω feedback resistor may be required
across the crystal or resonator in order to keep the start up times
around the 20 ms duration.
The AD7705/AD7706’s master clock appears on the MCLK
OUT pin of the device. The maximum recommended load on
this pin is one CMOS load. When using a crystal or ceramic
resonator to generate the AD7705/AD7706’s clock, it may be
desirable to use this clock as the clock source for the system.
In this case, it is recommended that the MCLK OUT signal is
buffered with a CMOS buffer before being applied to the rest of
the circuit.
System Synchronization
The FSYNC bit of the Setup Register allows the user to reset
the modulator and digital filter without affecting any of the
setup conditions on the part. This allows the user to start gath-
ering samples of the analog input from a known point in time,
i.e., when the FSYNC is changed from 1 to 0.
With a 1 in the FSYNC bit of the Setup Register, the digital
filter and analog modulator are held in a known reset state and
the part is not processing any input samples. When a 0 is then
written to the FSYNC bit, the modulator and filter are taken
out of this reset state and the part starts to gather samples again
on the next master clock edge.
The FSYNC input can also be used as a software start convert
command allowing the AD7705/AD7706 to be operated in a
conventional converter fashion. In this mode, writing to the
FSYNC bit starts conversion and the falling edge of
DRDY
indicates when conversion is complete. The disadvantage of this
scheme is that the settling time of the filter has to be taken into
account for every data register update. This means that the rate
at which the data register is updated is three times slower in this
mode.
Since the FSYNC bit resets the digital filter, the full settling
time of 3
× 1/Output Rate has to elapse before there is a new
word loaded to the output register on the part. If the
DRDY
signal is low when FSYNC goes to a 0, the
DRDY signal will
not be reset high by the FSYNC command. This is because the
AD7705/AD7706 recognizes that there is a word in the data
register which has not been read. The
DRDY line will stay low
until an update of the data register takes place, at which time it
will go high for 500
× t
CLKIN before returning low again. A read
from the data register resets the
DRDY signal high and it will
not return low until the settling time of the filter has elapsed
(from the FSYNC command) and there is a valid new word in
the data register. If the
DRDY line is high when the FSYNC
command is issued, the
DRDY line will not return low until the
settling time of the filter has elapsed.
Reset Input
The
RESET input on the AD7705/AD7706 resets all the logic,
the digital filter and the analog modulator, while all on-chip
registers are reset to their default state.
DRDY is driven high
and the AD7705/AD7706 ignores all communications to any of
its registers while the
RESET input is low. When the RESET
input returns high, the AD7705/AD7706 starts to process data
and
DRDY will return low in 3
× 1/Output Rate indicating a
valid new word in the data register. However, the AD7705/
AD7706 operates with its default setup conditions after a
RESET and it is generally necessary to set up all registers and
carry out a calibration after a
RESET command.
The AD7705/AD7706’s on-chip oscillator circuit continues to
function even when the
RESET input is low. The master clock
signal continues to be available on the MCLK OUT pin. There-
fore, in applications where the system clock is provided by the
AD7705/AD7706’s clock, the AD7705/AD7706 produces an
uninterrupted master clock during
RESET commands.
Standby Mode
The STBY bit in the Communications Register of the AD7705/
AD7706 allows the user to place the part in a power-down
mode when it is not required to provide conversion results. The
AD7705/AD7706 retains the contents of all its on-chip registers
(including the data register) while in standby mode. When re-
leased from standby mode, the part starts to process data and a
new word is available in the data register in 3
× 1/Output rate
from when a 0 is written to the STBY bit.
The STBY bit does not affect the digital interface, nor does it
affect the status of the
DRDY line. If DRDY is high when the
STBY bit is brought low, it will remain high until there is a valid
new word in the data register. If
DRDY is low when the STBY
bit is brought low, it will remain low until the data register is
updated, at which time the
DRDY line will return high for
500
× t
CLKIN before returning low again. If DRDY is low when
the part enters its standby mode (indicating a valid unread word
in the data register), the data register can be read while the part
is in standby. At the end of this read operation, the
DRDY will
be reset high as normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com