Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7705 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 4 Page - Analog Devices

  AD7705 Datasheet HTML 1Page - Analog Devices AD7705 Datasheet HTML 2Page - Analog Devices AD7705 Datasheet HTML 3Page - Analog Devices AD7705 Datasheet HTML 4Page - Analog Devices AD7705 Datasheet HTML 5Page - Analog Devices AD7705 Datasheet HTML 6Page - Analog Devices AD7705 Datasheet HTML 7Page - Analog Devices AD7705 Datasheet HTML 8Page - Analog Devices AD7705 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7705/AD7706
–4–
REV. A
TIMING CHARACTERISTICS
1, 2
Limit at T
MIN, TMAX
Parameter
(B Version)
Units
Conditions/Comments
f
CLKIN
3, 4
400
kHz min
Master Clock Frequency: Crystal Oscillator or Externally Supplied
2.5
MHz max
for Specified Performance
t
CLKIN LO
0.4
× t
CLKIN
ns min
Master Clock Input Low Time. t
CLKIN = 1/fCLKIN
t
CLKIN HI
0.4
× t
CLKIN
ns min
Master Clock Input High Time
t
1
500
× t
CLKIN
ns nom
DRDY High Time
t
2
100
ns min
RESET Pulsewidth
Read Operation
t
3
0
ns min
DRDY to CS Setup Time
t
4
120
ns min
CS Falling Edge to SCLK Rising Edge Setup Time
t
5
5
0
ns min
SCLK Falling Edge to Data Valid Delay
80
ns max
V
DD = +5 V
100
ns max
V
DD = +3.0 V
t
6
100
ns min
SCLK High Pulsewidth
t
7
100
ns min
SCLK Low Pulsewidth
t
8
0
ns min
CS Rising Edge to SCLK Rising Edge Hold Time
t
9
6
10
ns min
Bus Relinquish Time after SCLK Rising Edge
60
ns max
V
DD = +5 V
100
ns max
V
DD = +3.0 V
t
10
100
ns max
SCLK Falling Edge to
DRDY High7
Write Operation
t
11
120
ns min
CS Falling Edge to SCLK Rising Edge Setup Time
t
12
30
ns min
Data Valid to SCLK Rising Edge Setup Time
t
13
20
ns min
Data Valid to SCLK Rising Edge Hold Time
t
14
100
ns min
SCLK High Pulsewidth
t
15
100
ns min
SCLK Low Pulsewidth
t
16
0
ns min
CS Rising Edge to SCLK Rising Edge Hold Time
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
2See Figures 16 and 17.
3f
CLKIN Duty Cycle range is 45% to 55%. fCLKIN must be supplied whenever the AD7705/AD7706 is not in Standby mode. If no clock is present in this case, the device
can draw higher current than specified and possibly become uncalibrated.
4The AD7705/AD7706 is production tested with f
CLKIN at 2.4576 MHz (1 MHz for some IDD tests). It is guaranteed by characterization to operate at 400 kHz.
5These numbers are measured with the load circuit of Figure 1 and defined as the time required for the output to cross the V
OL or VOH limits.
6These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 1. The measured number is
then extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the
true bus relinquish times of the part and as such are independent of external bus loading capacitances.
7
DRDY returns high after the first read from the device after an output update. The same data can be read again, if required, while DRDY is high, although care
should be taken that subsequent reads do not occur close to the next output update.
TO OUTPUT
PIN
50pF
ISINK (800 A AT VDD = +5V
100 A AT VDD = +3V)
+1.6V
ISOURCE (200 A AT VDD = +5V
100 A AT VDD = +3V)
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
(VDD = +2.7 V to +5.25 V; GND = 0 V; fCLKIN = 2.4576 MHz; Input Logic 0 = 0 V, Logic 1 = VDD
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com