Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7705 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7705 Datasheet HTML 21Page - Analog Devices AD7705 Datasheet HTML 22Page - Analog Devices AD7705 Datasheet HTML 23Page - Analog Devices AD7705 Datasheet HTML 24Page - Analog Devices AD7705 Datasheet HTML 25Page - Analog Devices AD7705 Datasheet HTML 26Page - Analog Devices AD7705 Datasheet HTML 27Page - Analog Devices AD7705 Datasheet HTML 28Page - Analog Devices AD7705 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD7705/AD7706
–25–
REV. A
POWER-ON/RESET FOR AD7705
CONFIGURE & INITIALIZE
C/ P SERIAL PORT
WRITE TO COMMUNICATIONS REGISTER SELECTING
CHANNEL & SETTING UP NEXT OPERATION TO BE A
WRITE TO THE CLOCK REGISTER (20 HEX)
WRITE TO CLOCK REGISTER SETTING THE CLOCK
BITS IN ACCORDANCE WITH THE APPLIED MASTER
CLOCK SIGNAL AND SELECT UPDATE RATE FOR
SELECTED CHANNEL (0C HEX)
WRITE TO COMMUNICATIONS REGISTER SELECTING
CHANNEL & SETTING UP NEXT OPERATION TO BE A
WRITE TO THE SETUP REGISTER (10 HEX)
WRITE TO SETUP REGISTER CLEARING F SYNC,
SETTING UP GAIN, OPERATING CONDITIONS &
INITIATING A SELF-CALIBRATION ON SELECTED
CHANNEL (40 HEX)
POLL
DRDY PIN
NO
YES
WRITE TO COMMUNICATIONS REGISTER SETTING UP
NEXT OPERATION TO BE A READ FROM THE DATA
REGISTER (38 HEX)
READ FROM DATA REGISTER
WRITE TO COMMUNICATIONS REGISTER SETTING UP NEXT
OPERATION TO BE A READ FROM THE COMMUNICATIONS
REGISTER (08 HEX)
READ FROM COMMUNICATIONS REGISTER
POLL
DRDY BIT OF COMMUNICATIONS REGISTER
WRITE TO COMMUNICATIONS REGISTER SETTING UP
NEXT OPERATION TO BE A READ FROM THE DATA
REGISTER (38 HEX)
START
READ FROM DATA REGISTER
DRDY
LOW?
NO
YES
DRDY
LOW?
Figure 18. Flowchart for Setting Up and Reading from the AD7705
CONFIGURING THE AD7705/AD7706
The AD7705/AD7706 contains six on-chip registers that the
user can accesses via the serial interface. Communication with
any of these registers is initiated by writing to the Communica-
tions Register first. Figure 18 outlines a flow diagram of the
sequence used to configure all registers after a power-up or reset
on the AD7705, similar procedures apply to the AD7706. The
flowchart also shows two different read options—the first where
the
DRDY pin is polled to determine when an update of the
data register has taken place, the second where the
DRDY bit of
the Communications Register is interrogated to see if a data
register update has taken place. Also included in the flowing dia-
gram is a series of words that should be written to the registers
for a particular set of operating conditions. These conditions
are gain of one, no filter sync, bipolar mode, buffer off, clock of
4.9512 MHz and an output rate of 50 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com