Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBR Datasheet(PDF) 5 Page - Analog Devices

Part # AD7730LBR
Description  Bridge Transducer ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBR Datasheet(HTML) 5 Page - Analog Devices

  AD7730LBR Datasheet HTML 1Page - Analog Devices AD7730LBR Datasheet HTML 2Page - Analog Devices AD7730LBR Datasheet HTML 3Page - Analog Devices AD7730LBR Datasheet HTML 4Page - Analog Devices AD7730LBR Datasheet HTML 5Page - Analog Devices AD7730LBR Datasheet HTML 6Page - Analog Devices AD7730LBR Datasheet HTML 7Page - Analog Devices AD7730LBR Datasheet HTML 8Page - Analog Devices AD7730LBR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD7730/AD7730L
REV. A
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7730 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . –5 V to +0.3 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . . . –2 V to +5 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD + 0.3 V
Reference Input Voltage to AGND . . –0.3 V to AVDD + 0.3 V
AIN/REF IN Current (Indefinite) . . . . . . . . . . . . . . . . 30 mA
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
Output Voltage (ACX,
ACX, D0, D1) to DGND
. . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD7730BN
–40
°C to +85°C
Plastic DIP
N-24
AD7730BR
–40
°C to +85°C
Small Outline
R-24
AD7730BRU
–40
°C to +85°C
Thin Shrink Small Outline
RU-24
EVAL-AD7730EB
Evaluation Board
AD7730LBR
–40
°C to +85°C
Small Outline
R-24
AD7730LBRU
–40
°C to +85°C
Thin Shrink Small Outline
RU-24
EVAL-AD7730LEB
Evaluation Board
Plastic DIP Package, Power Dissipation . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . 105
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . +260
°C
TSSOP Package, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . 128
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . +220
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed in
the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device
reliability.
TO OUTPUT
PIN
50pF
ISINK (800 A AT DVDD = +5V
100 A AT DVDD = +3V)
+1.6V
ISOURCE (200 A AT DVDD = +5V
100 A AT DVDD = +3V)
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com