Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBR Datasheet(PDF) 49 Page - Analog Devices

Part # AD7730LBR
Description  Bridge Transducer ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBR Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7730LBR Datasheet HTML 44Page - Analog Devices AD7730LBR Datasheet HTML 45Page - Analog Devices AD7730LBR Datasheet HTML 46Page - Analog Devices AD7730LBR Datasheet HTML 47Page - Analog Devices AD7730LBR Datasheet HTML 48Page - Analog Devices AD7730LBR Datasheet HTML 49Page - Analog Devices AD7730LBR Datasheet HTML 50Page - Analog Devices AD7730LBR Datasheet HTML 51Page - Analog Devices AD7730LBR Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
AD7730/AD7730L
REV. A
–49–
Table XXIII. Output Noise vs. Input Range and Update Rate (CHP = 0)
Typical Output RMS Noise in nV
Output
–3 dB
SF
Settling Time
Settling Time
Input Range
Input Range
Input Range
Input Range
Data Rate Frequency
Word
Normal Mode
Fast Mode
=
80 mV
=
40 mV
=
20 mV
=
10 mV
75 Hz
2.9 Hz
2048
332 ms
53.2 ms
320
215
135
100
100 Hz
3.9 Hz
1536
250 ms
40 ms
325
245
160
110
150 Hz
5.85 Hz
1024
166 ms
26.6 ms
410
275
180
130
300 Hz
11.7 Hz
512
83 ms
13.3 ms
590
370
265
180
600 Hz
23.4 Hz
256
41.6 ms
6.6 ms
910
580
350
220
Table XXIV. Peak-to-Peak Resolution vs. Input Range and Update Rate (CHP = 0)
Peak-to-Peak Resolution in Counts (Bits)
Output
–3 dB
SF
Settling Time
Settling Time
Input Range
Input Range
Input Range
Input Range
Data Rate Frequency
Word
Normal Mode
Fast Mode
=
80 mV
=
40 mV
=
20 mV
=
10 mV
75 Hz
2.9 Hz
2048
332 ms
53.2 ms
85k (16.5)
62k (16)
49k (15.5)
33k (15)
100 Hz
3.9 Hz
1536
250 ms
40 ms
82k (16.5)
55k (15.5)
42k (15.5)
30k (15)
150 Hz
5.85 Hz
1024
166 ms
26.6 ms
65k (16)
48k (15.5)
36k (15)
25k (14.5)
300 Hz
11.7 Hz
512
83 ms
13.3 ms
45k (15.5)
36k (15)
25k (14.5)
18k (14)
600 Hz
23.4 Hz
256
41.6 ms
6.63 ms
30k (15)
23k (14.5)
19k (14)
15k (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com