Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBR Datasheet(PDF) 13 Page - Analog Devices

Part # AD7730LBR
Description  Bridge Transducer ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7730LBR Datasheet HTML 9Page - Analog Devices AD7730LBR Datasheet HTML 10Page - Analog Devices AD7730LBR Datasheet HTML 11Page - Analog Devices AD7730LBR Datasheet HTML 12Page - Analog Devices AD7730LBR Datasheet HTML 13Page - Analog Devices AD7730LBR Datasheet HTML 14Page - Analog Devices AD7730LBR Datasheet HTML 15Page - Analog Devices AD7730LBR Datasheet HTML 16Page - Analog Devices AD7730LBR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AD7730/AD7730L
REV. A
–13–
Communications Register (RS2–RS0 = 0, 0, 0)
The Communications Register is an 8-bit write-only register. All communications to the part must start with a write operation to the
Communications Register. The data written to the Communications Register determines whether the next operation is a read or
write operation, the type of read operation, and to which register this operation takes place. For single-shot read or write operations,
once the subsequent read or write operation to the selected register is complete, the interface returns to where it expects a write op-
eration to the Communications Register. This is the default state of the interface, and on power-up or after a
RESET, the AD7730
is in this default state waiting for a write operation to the Communications Register. In situations where the interface sequence is
lost, a write operation of at least 32 serial clock cycles with DIN high, returns the AD7730 to this default state by resetting the
part. Table VI outlines the bit designations for the Communications Register. CR0 through CR7 indicate the bit location, CR denot-
ing the bits are in the Communications Register. CR7 denotes the first bit of the data stream.
Table VI. Communications Register
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
WEN
ZERO
RW1
RW0
ZERO
RS2
RS1
RS0
Bit
Bit
Location
Mnemonic
Description
CR7
WEN
Write Enable Bit. A 0 must be written to this bit so the write operation to the Communications
Register actually takes place. If a 1 is written to this bit, the part will not clock on to subsequent
bits in the register. It will stay at this bit location until a 0 is written to this bit. Once a 0 is writ-
ten to the
WEN bit, the next seven bits will be loaded to the Communications Register.
CR6
ZERO
A zero must be written to this bit to ensure correct operation of the AD7730.
CR5, CR4
RW1, RW0
Read/Write Mode Bits. These two bits determine the nature of the subsequent read/write opera-
tion. Table VII outlines the four options.
Table VII. Read/Write Mode
RW1
RW0
Read/Write Mode
0
0
Single Write to Specified Register
0
1
Single Read of Specified Register
1
0
Start Continuous Read of Specified Register
1
1
Stop Continuous Read Mode
With 0, 0 written to these two bits, the next operation is a write operation to the register specified by
bits RS2, RS1, RS0. Once the subsequent write operation to the specified register has been com-
pleted, the part returns to where it is expecting a write operation to the Communications Register.
With 0,1 written to these two bits, the next operation is a read operation of the register specified
by bits RS2, RS1, RS0. Once the subsequent read operation to the specified register has been
completed, the part returns to where it is expecting a write operation to the Communications
Register.
Writing 1,0 to these bits, sets the part into a mode of continuous reads from the register speci-
fied by bits RS2, RS1, RS0. The most likely registers with which the user will want to use this
function are the Data Register and the Status Register. Subsequent operations to the part will
consist of read operations to the specified register without any intermediate writes to the Com-
munications Register. This means that once the next read operation to the specified register has
taken place, the part will be in a mode where it is expecting another read from that specified
register. The part will remain in this continuous read mode until 30 Hex has been written to the
Communications Register.
When 1,1 is written to these bits (and 0 written to bits CR3 through CR0), the continuous read
mode is stopped and the part returns to where it is expecting a write operation to the Communi-
cations Register. Note, the part continues to look at the DIN line on each SCLK edge during
continuous read mode to determine when to stop the continuous read mode. Therefore, the user
must be careful not to inadvertently exit the continuous read mode or reset the AD7730 by
writing a series of 1s to the part. The easiest way to avoid this is to place a logic 0 on the DIN
line while the part is in continuous read mode. Once the part is in continuous read mode, the
user should ensure that an integer multiple of 8 serial clocks should have taken place before
attempting to take the part out of continuous read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com