Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBR Datasheet(PDF) 14 Page - Analog Devices

Part # AD7730LBR
Description  Bridge Transducer ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7730LBR Datasheet HTML 10Page - Analog Devices AD7730LBR Datasheet HTML 11Page - Analog Devices AD7730LBR Datasheet HTML 12Page - Analog Devices AD7730LBR Datasheet HTML 13Page - Analog Devices AD7730LBR Datasheet HTML 14Page - Analog Devices AD7730LBR Datasheet HTML 15Page - Analog Devices AD7730LBR Datasheet HTML 16Page - Analog Devices AD7730LBR Datasheet HTML 17Page - Analog Devices AD7730LBR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
AD7730/AD7730L
–14–
REV. A
Bit
Bit
Location
Mnemonic
Description
CR3
ZERO
A zero must be written to this bit to ensure correct operation of the AD7730.
CR2–CR0
RS2–RS0
Register Selection Bits. RS2 is the MSB of the three selection bits. The three bits select
which register type the next read or write operation operates upon as shown in Table VIII.
Table VIII. Register Selection
RS2
RS1
RS0
Register
0
0
0
Communications Register (Write Operation)
0
0
0
Status Register (Read Operation)
0
0
1
Data Register
0
1
0
Mode Register
0
1
1
Filter Register
1
0
0
DAC Register
1
0
1
Offset Register
1
1
0
Gain Register
1
1
1
Test Register
Status Register (RS2–RS0 = 0, 0, 0); Power-On/Reset Status: CX Hex
The Status Register is an 8-bit read-only register. To access the Status Register, the user must write to the Communications Register
selecting either a single-shot read or continuous read mode and load bits RS2, RS1, RS0 with 0, 0, 0. Table IX outlines the bit desig-
nations for the Status Register. SR0 through SR7 indicate the bit location, SR denoting the bits are in the Status Register. SR7
denotes the first bit of the data stream. Figure 5 shows a flowchart for reading from the registers on the AD7730. The number
in brackets indicates the power-on/reset default status of that bit.
Table IX. Status Register
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
RDY (1)
STDY (1)
STBY (0)
NOREF (0)
MS3 (X)
MS2 (X)
MS1 (X)
MS0 (X)
Bit
Bit
Location
Mnemonic
Description
SR7
RDY
Ready Bit. This bit provides the status of the
RDY flag from the part. The status and function of
this bit is the same as the
RDY output pin. A number of events set the RDY bit high as indi-
cated in Table XVIII.
SR6
STDY
Steady Bit. This bit is updated when the filter writes a result to the Data Register. If the filter is
in
FASTStep mode (see Filter Register section) and responding to a step input, the STDY bit
remains high as the initial conversion results become available. The
RDY output and bit are set
low on these initial conversions to indicate that a result is available. If the
STDY is high, however,
it indicates that the result being provided is not from a fully settled second-stage FIR filter. When the
FIR filter has fully settled, the
STDY bit will go low coincident with RDY. If the part is never placed
into its
FASTStep mode, the STDY bit will go low at the first Data Register read and it is
not cleared by subsequent Data Register reads.
A number of events set the
STDY bit high as indicated in Table XVIII. STDY is set high along
with
RDY by all events in the table except a Data Register read.
SR5
STBY
Standby Bit. This bit indicates whether the AD7730 is in its Standby Mode or normal mode of
operation. The part can be placed in its standby mode using the
STANDBY input pin or by
writing 011 to the MD2 to MD0 bits of the Mode Register. The power-on/reset status of this bit
is 0 assuming the
STANDBY pin is high.
SR4
NOREF
No Reference Bit. If the voltage between the REF IN(+) and REF IN(–) pins is below 0.3 V, or
either of these inputs is open-circuit, the NOREF bit goes to 1. If NOREF is active on comple-
tion of a conversion, the Data Register is loaded with all 1s. If NOREF is active on completion
of a calibration, updating of the calibration registers is inhibited.
SR3–SR0
MS3–MS0
These bits are for factory use. The power-on/reset status of these bits vary, depending on the
factory-assigned number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com