Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD780 Datasheet(PDF) 5 Page - Analog Devices

Part # AD780
Description  2.5 V/3.0 V High Precision Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780 Datasheet(HTML) 5 Page - Analog Devices

  AD780 Datasheet HTML 1Page - Analog Devices AD780 Datasheet HTML 2Page - Analog Devices AD780 Datasheet HTML 3Page - Analog Devices AD780 Datasheet HTML 4Page - Analog Devices AD780 Datasheet HTML 5Page - Analog Devices AD780 Datasheet HTML 6Page - Analog Devices AD780 Datasheet HTML 7Page - Analog Devices AD780 Datasheet HTML 8Page - Analog Devices AD780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AD780
REV. B
–5–
NOISE PERFORMANCE
The impressive noise performance of the AD780 can be further
improved if desired by the addition of two capacitors: a load ca-
pacitor C1 between the output and ground, and a compensation
capacitor C2 between the TEMP pin and ground. Suitable val-
ues are shown in Figure 3.
100
1
0.1
0.1
1
100
10
10
LOAD CAPACITOR, C1 –
F
Figure 3. Compensation and Load Capacitor Combinations
C1 and C2 also improve the settling performance of the AD780
when subjected to load transients. The improvement in noise
performance is shown in Figures 4, 5 and 6 following.
10
90
100
0%
100 V1s
0.1 TO 10Hz
AMPLIFIER GAIN = 100
10
90
100
0%
20 V
10ms
10Hz TO 10kHz
NO AMPLIFIER
Figure 4. Stand-Alone Noise Performance
NC
TEMP
+VIN
VOUT
TRIM
GND
O/P SELECT
2.5V – NC
3.0V – GND
NC
AD780
NC = NO CONNECT
C2
1 F
C1
Figure 5. Noise Reduction Circuit
NOISE COMPARISON
The wideband noise performance of the AD780 can also be ex-
pressed in ppm. The typical performance with C1, C2 is
0.6 ppm and without external capacitors is 1.2 ppm.
This performance is respectively 7
and 3
lower than the
specified performance of the LT1019.
10
90
100
0%
20 V
10ms
10Hz TO 10kHz
NO AMPLIFIER
Figure 6. Reduced Noise Performance with C1 = 100
µF,
C2 = 100 nF
TEMPERATURE PERFORMANCE
The AD780 provides superior performance over temperature by
means of a combination of patented circuit design techniques,
precision thin film resistors and drift trimming. Temperature
performance is specified in terms of ppm/
°C, but because of
nonlinearity in the temperature characteristic, the Box-Test
method is used to test and specify the part. The nonlinearity
takes the form of the characteristic S-shaped curve shown in
Figure 7. The Box-Test method forms a rectangular box around
this curve, enclosing the maximum and minimum output volt-
ages over the specified temperature range. The specified drift is
equal to the slope of the diagonal of this box.
2.0
–0.8
140
0.4
–0.4
–40
0
–60
1.6
0.8
1.2
120
100
80
60
40
20
0
–20
TEMPERATURE – C
Figure 7. Typical AD780BN Temperature Drift



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com