Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD780 Datasheet(PDF) 3 Page - Analog Devices

Part # AD780
Description  2.5 V/3.0 V High Precision Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780 Datasheet(HTML) 3 Page - Analog Devices

  AD780 Datasheet HTML 1Page - Analog Devices AD780 Datasheet HTML 2Page - Analog Devices AD780 Datasheet HTML 3Page - Analog Devices AD780 Datasheet HTML 4Page - Analog Devices AD780 Datasheet HTML 5Page - Analog Devices AD780 Datasheet HTML 6Page - Analog Devices AD780 Datasheet HTML 7Page - Analog Devices AD780 Datasheet HTML 8Page - Analog Devices AD780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AD780
REV. B
–3–
ORDERING GUIDE
Initial
Temperature
Temperature
Package
Model
Error
Range
Coefficient
Options
AD780AN
5.0 mV
–40
°C to +85°C
7 ppm/
°C
Plastic Dip
AD780AR
5.0 mV
–40
°C to +85°C
7 ppm/
°C
SOIC
AD780AR-REEL7
5.0 mV
–40
°C to +85°C
7 ppm/
°C
SOIC
AD780BN
1.0 mV
–40
°C to +85°C
3 ppm/
°C
Plastic Dip
AD780BR
1.0 mV
–40
°C to +85°C
3 ppm/
°C
SOIC
AD780BR-REEL
1.0 mV
–40
°C to +85°C
3 ppm/
°C
SOIC
AD780BR-REEL7
1.0 mV
–40
°C to +85°C
3 ppm/
°C
SOIC
AD780CR
1.5 mV
–40
°C to +85°C
7 ppm/
°C
SOIC
AD780CR-REEL7
1.5 mV
–40
°C to +85°C
7 ppm/
°C
SOIC
ABSOLUTE MAXIMUM RATINGS*
VIN to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Trim Pin to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Temp Pin to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Power Dissipation (25
°C) . . . . . . . . . . . . . . . . . . . . . . 500 mW
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Output Protection: Output safe for indefinite short to ground
and momentary short to VIN.
ESD Classification . . . . . . . . . . . . . . . . . . . . . Class 1 (1000 V)
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any conditions above those indicated in the operational specifi-
cation is not implied. Exposure to absolute maximum specifications for extended
periods may affect device reliability.
PIN CONFIGURATION
8-Lead Plastic DIP, SOIC and Cerdip Packages
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD780
2.5/3.0V SELECT
(NC OR GND)
NC
VOUT
TRIM
NC
+VIN
TEMP
GND
NC = NO CONNECT
DIE LAYOUT
NOTES
Both VOUT pads should be connected to the output
Die Thickness: The standard thickness of Analog Devices Bipolar dice is
24 mils
±2 mils.
Die Dimensions: The dimensions given have a tolerance of
± 2 mils.
Backing: The standard backside surface is silicon (not plated). Analog Devices
does not recommend gold-backed dice for most applications.
Edges: A diamond saw is used to separate wafers into dice thus providing per-
pendicular edges half-way through the die.
In contrast to scribed dice, this technique provides a more uniform die shape
and size. The perpendicular edges facilitate handling (such as tweezer pick-up)
while the uniform shape and size simplifies substrate design and die attach.
Top Surface: The standard top surface of the die is covered by a layer of
glassivation. All areas are covered except bonding pads and scribe lines.
Surface Metalization: The metalization to Analog Devices bipolar dice is alu-
minum. Minimum thickness is 10,000Å.
Bonding Pads: All bonding pads have a minimum size of 4.0 mils by 6.0 mils.
The passivation windows have a 3.6 mils by 5.6 mils minimum size.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD780 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com