Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD780 Datasheet(PDF) 1 Page - Analog Devices

Part # AD780
Description  2.5 V/3.0 V High Precision Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780 Datasheet(HTML) 1 Page - Analog Devices

  AD780 Datasheet HTML 1Page - Analog Devices AD780 Datasheet HTML 2Page - Analog Devices AD780 Datasheet HTML 3Page - Analog Devices AD780 Datasheet HTML 4Page - Analog Devices AD780 Datasheet HTML 5Page - Analog Devices AD780 Datasheet HTML 6Page - Analog Devices AD780 Datasheet HTML 7Page - Analog Devices AD780 Datasheet HTML 8Page - Analog Devices AD780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
2.5 V/3.0 V
High Precision Reference
AD780
FUNCTIONAL BLOCK DIAGRAM
NC
TEMP
+VIN
VOUT
TRIM
GND
O/P SELECT
2.5V - NC
3.0V - GND
Q6
Q7
R10
R11
R5
R4
R14
R15
R16
R13
NC = NO CONNECT
NC
7
2
1
3
4
8
6
5
AD780
PRODUCT DESCRIPTION
The AD780 is an ultrahigh precision bandgap reference voltage
which provides a 2.5 V or 3.0 V output from inputs between
4.0 V and 36 V. Low initial error and temperature drift com-
bined with low output noise and the ability to drive any value of
capacitance make the AD780 the ideal choice for enhancing the
performance of high resolution ADCs and DACs and for any
general purpose precision reference application. A unique low
headroom design facilitates a 3.0 V output from a 5.0 V
± 10%
input, providing a 20% boost to the dynamic range of an ADC,
over performance with existing 2.5 V references.
The AD780 can be used to source or sink up to 10 mA and can
be used in series or shunt mode, thus allowing positive or nega-
tive output voltages without external components. This makes it
suitable for virtually any high performance reference application.
Unlike some competing references, the AD780 has no “region
of possible instability.” The part is stable under all load condi-
tions when a 1
µF bypass capacitor is used on the supply.
A temperature output pin is provided on the AD780. This pro-
vides an output voltage that varies linearly with temperature, al-
lowing the AD780 to be configured as a temperature transducer
while providing a stable 2.5 V or 3.0 V output.
The AD780 is a pin-compatible performance upgrade for the
LT1019(A)–2.5 and the AD680. The latter is targeted toward
low power applications.
The AD780 is available in three grades in plastic DIP, SOIC,
and cerdip packages. The AD780AN, AD780AR, AD780BN,
AD780BR, and AD780CR are specified for operation from –40
°C
to +85
°C.
FEATURES
Pin-Programmable 2.5 V or 3.0 V Output
Ultralow Drift: 3 ppm/ C max
High Accuracy: 2.5 V or 3.0 V
1 mV max
Low Noise: 100 nV/
√Hz
Noise Reduction Capability
Low Quiescent Current: 1 mA max
Output Trim Capability
Plug-In Upgrade for Present References
Temperature Output Pin
Series or Shunt Mode Operation ( 2.5 V,
3.0 V)
PRODUCT HIGHLIGHTS
1. The AD780 provides a pin-programmable 2.5 V or 3.0 V
output from a 4 V to 36 V input.
2. Laser trimming of both initial accuracy and temperature
coefficients results in low errors over temperature without the
use of external components. The AD780BN has a maximum
variation of 0.9 mV from –40
°C to +85°C.
3. For applications requiring even higher accuracy, an optional
fine-trim connection is provided.
4. The AD780 noise is extremely low, typically 4
µV p-p from
0.1 Hz to 10 Hz and a wideband spectral noise density of
typically 100 nV/
√Hz. This can be further reduced if desired,
by simply using two external capacitors.
5. The temperature output pin enables the AD780 to be config-
ured as a temperature transducer while providing a stable
output reference voltage.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - AD780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD780 AD-AD780 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
AD780 AD-AD780 Datasheet
264Kb / 12P
2.5 V-3.0 V High Precision Reference
Rev. F
AD7801 AD-AD7801 Datasheet
219Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV.0
AD7801BR AD-AD7801BR Datasheet
219Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV.0
AD7801BR AD-AD7801BR Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580 Datasheet
251Kb / 6P
High Precision 2.5 V IC Reference
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
2.5 V Precision Reference / Amplifier
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580_04 Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
High Precision,2.5 V IC Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com