Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD780 Datasheet(PDF) 2 Page - Analog Devices

Part # AD780
Description  2.5 V/3.0 V High Precision Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780 Datasheet(HTML) 2 Page - Analog Devices

  AD780 Datasheet HTML 1Page - Analog Devices AD780 Datasheet HTML 2Page - Analog Devices AD780 Datasheet HTML 3Page - Analog Devices AD780 Datasheet HTML 4Page - Analog Devices AD780 Datasheet HTML 5Page - Analog Devices AD780 Datasheet HTML 6Page - Analog Devices AD780 Datasheet HTML 7Page - Analog Devices AD780 Datasheet HTML 8Page - Analog Devices AD780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AD780–SPECIFICATIONS
AD780AN/AR
AD780CR
AD780BN/BR
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE
2.5 V Out
2.495
2.505
2.4985
2.5015
2.499
2.501
Volts
3.0 V Out
2.995
3.005
2.9950
3.0050
2.999
3.001
Volts
OUTPUT VOLTAGE DRIFT
1
–40
°C to +85°C
7
7
3
ppm/
°C
–55
°C to +125°C
20
20
ppm/
°C
LINE REGULATION
2.5 V Output, 4 V
≤ +V
IN
≤ 36 V
TMIN to TMAX
10
*
*
µV/V
3.0 V Output, 4.5 V
≤ +V
IN
≤ 36 V
TMIN to TMAX
10
*
*
µV/V
LOAD REGULATION, SERIES MODE
Sourcing 0 < IOUT < 10 mA
50
*
*
µV/mA
TMIN to TMAX
75
*
*
µV/mA
Sinking –10 < IOUT < 0 mA
75
*
*
µV/mA
–40
°C to +85°C75
*
*
µV/mA
–55
°C to +125°C
150
*
*
µV/mA
LOAD REGULATION, SHUNT MODE
I < ISHUNT < 10 mA
75
*
*
µV/mA
QUIESCENT CURRENT, 2.5 V SERIES MODE
2
–40
°C to +85°C
0.75
1.0
*
*
*
*
mA
–55
°C to +125°C
0.8
1.3
*
*
*
*
mA
MINIMUM SHUNT CURRENT
0.7
1.0
*
*
*
*
mA
OUTPUT NOISE
0.1 Hz to 10 Hz
4
*
*
*
*
µV p-p
Spectral Density, 100 Hz
100
*
*
*
*
nV/
√Hz
LONG TERM STABILITY
3
20
*
*
±ppm/
1000 Hr
TRIM RANGE
4.0
*
*
±%
TEMPERATURE PIN
Voltage Output @ 25
°C
500
560
620
*
*
*
*
*
*
mV
Temperature Sensitivity
1.9
*
*
mV/
°C
Output Resistance
3
*
*
k
Ω
SHORT CIRCUIT CURRENT TO GROUND
30
*
*
mA
TEMPERATURE RANGE
Specified Performance (A, B, C)
–40
+85
*
*
*
*
°C
Operating Performance (A, B, C)
4
–55
+125
*
*
*
*
°C
Specified Performance (S)
–55
+125
*
*
*
*
°C
Operating Performance (S)
–55
+125
*
*
*
*
°C
NOTES
1Maximum output voltage drift is guaranteed for all packages.
23.0 V mode typically adds 100
µA to the quiescent current. Also, Iq increases by 2 µA/V above an input voltage of 5 V.
3The long term stability specification is noncumulative. The drift in subsequent 1000 hr. periods is significantly lower than in the first 1000 hr. period.
4The operating temperature range is defined as the temperature extremes at which the device will still function. Parts may deviate from their specified performance
outside their specified temperature range.
*Same as AD780AN/AR specification.
Specifications subject to change without notice.
REV. B
–2–
(TA = +25 C, VIN = +5 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com