Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7821 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7821
Description  LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7821 Datasheet HTML 3Page - Analog Devices AD7821 Datasheet HTML 4Page - Analog Devices AD7821 Datasheet HTML 5Page - Analog Devices AD7821 Datasheet HTML 6Page - Analog Devices AD7821 Datasheet HTML 7Page - Analog Devices AD7821 Datasheet HTML 8Page - Analog Devices AD7821 Datasheet HTML 9Page - Analog Devices AD7821 Datasheet HTML 10Page - Analog Devices AD7821 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7821
REV. A
–7–
Figure 4. Power Supply as Reference.
Unipolar Operation (0 to + 5 V)
Figure 5. External Reference.
Bipolar Operation (–2.5 V to +2.5 V)
INPUT CURRENT
The analog input of the AD7821 behaves somewhat differently
to conventional A/D converters. This is due to the ADC’s
sampled data comparators, which take varying amounts of input
current depending on the cycle of the converter.
The equivalent input circuit of the AD7821 is shown in Figure
6. When a conversion ends (e.g., falling edge of INT, WR-RD
mode, tRD > tINTL) all the input switches are closed and VIN is
connected to the comparators of the internal LS and MS ADCs.
Therefore, VIN is connected to 31 one-pF input capacitors
simultaneously .
Figure 6. AD7821 Equivalent Input Circuit
The input capacitors must charge to the input voltage through
the on resistance of the analog switches (about 2 k
Ω to 5 kΩ).
In addition, about 12 pF of input stray capacitance must be
charged.
The analog input can be modeled as an equivalent RC network
as shown in Figure 7. As RS (source impedance) increases, the
input capacitance takes longer to charge.
The comparators track the analog input between conversions. A
minimum delay time (tP) of 350 ns is required between conver-
sions to allow for voltage source settling and comparator track-
ing time. This allows input time constants of 50 ns without
settling time problems. Typical total input capacitance values of
55 pF allow RS to be 0.9 k
Ω without lengthening t
P to give VIN
more time to settle.
Figure 7. RC Network Model
INPUT TRANSIENTS
Transients on the analog input signal caused by charging
current flowing into VIN will not normally degrade the ADC’s
performance. In effect, the AD7821 does not “look” at the in-
put when these transients occur. The comparators’ inputs track
VIN and are not sampled until the falling edge of WR (WR-RD
Mode) or RD (RD Mode), so at least 350 ns (tP) is provided to
charge the ADC’s input capacitance. It is, therefore, not neces-
sary to filter out these transients with an external capacitor at
the VIN terminal.
INHERENT TRACK-AND-HOLD
A major benefit of the AD7821’s input structure is its ability to
measure a variety of high-speed signals without the help of an
external track-and-hold. Any ADC which does not have a built-
in track-and-hold, regardless of its speed, requires the analog in-
put to remain stable to at least 1/2 LSB for the duration of the
conversion to maintain full accuracy. This requires the use of a
track-and-hold whenever the input is a high-speed signal. The
AD7821’s sampled-data comparators, by nature of their input
switching, inherently accomplish this track-and-hold function.
Although the conversion time for the AD7821 is 660 ns
(WR-RD mode, tWR + tRD + tACC1), the time for which VIN must
be stable to 1/2 LSB is much smaller. The AD7821 tracks VIN
between conversions only, and its value on the falling edge of
WR
or RD in the WR-RD or RD modes, respectively, is the
measured value.
SINUSOIDAL INPUTS
The bandwidth of the built-in track-and-hold is 100 kHz max
(150 kHz typ, 5 V p-p). This is limited by the analog bandwidth
of the comparators and timing skew between the comparator
switches. This means that the analog input frequency can be up
to 100 kHz without the aid of an external track-and-hold. The
Nyquist criterion requires that the sampling rate be at least
twice the input frequency (i.e.,
≥2
100 kHz). This requires an
ideal antialiasing filter with an infinite roll-off. To ease the prob-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com