Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7821 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7821
Description  LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821 Datasheet(HTML) 1 Page - Analog Devices

  AD7821 Datasheet HTML 1Page - Analog Devices AD7821 Datasheet HTML 2Page - Analog Devices AD7821 Datasheet HTML 3Page - Analog Devices AD7821 Datasheet HTML 4Page - Analog Devices AD7821 Datasheet HTML 5Page - Analog Devices AD7821 Datasheet HTML 6Page - Analog Devices AD7821 Datasheet HTML 7Page - Analog Devices AD7821 Datasheet HTML 8Page - Analog Devices AD7821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS High Speed, P-Compatible
8-Bit ADC with Track/Hold Function
AD7821
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Fast Conversion Time: 660 ns max
100 kHz Track-and-Hold Function
1 MHz Sample Rate
Unipolar and Bipolar Input Ranges
Ratiometric Reference Inputs
No External Clock
Extended Temperature Range Operation
Skinny 20-Pin DlPs, SOIC and 20-Terminal
Surface Mount Packages
GENERAL DESCRIPTION
The AD7821 is a high speed, 8-bit, sampling, analog-to-digital
converter that offers improved performance over the popular
AD7820. It offers a conversion time of 660 ns (vs. 1.36
µs for
the AD7820) and 100 kHz signal bandwidth (vs. 6.4 kHz). The
sampling instant is better defined and occurs on the falling edge
of WR or RD. The provision of a VSS pin (Pin 19) allows the
part to operate from
±5 V supplies and to digitize bipolar input
signals. Alternatively, for unipolar inputs, the VSS pin can be
grounded and the AD7821 will operate from a single +5 V sup-
ply, like the AD7820.
The AD7821 has a built-in track-and-hold function capable of
digitizing full-scale signals up to 100 kHz max. It also uses a
half-flash conversion technique that eliminates the need to gen-
erate a CLK signal for the ADC.
The AD7821 is designed with standard microprocessor control
signals (CS, RD, WR, RDY, INT) and latched, three-state data
outputs capable of interfacing to high speed data buses. An
overflow output (OFL) is also provided for cascading devices to
achieve higher resolution.
The AD7821 is fabricated in Linear-Compatible CMOS
(LC
2MOS), an advanced, mixed technology process combining
precision bipolar circuits with low power CMOS logic. The part
features a low power dissipation of 50 mW.
PRODUCT HIGHLIGHTS
1. Fast Conversion Time
The half-flash conversion technique, coupled with fabrication
on Analog Devices’ LC
2MOS process, enables a very fast con-
version time. The conversion time for the WR-RD mode is
660 ns, with 700 ns for the RD mode.
2. Built-In Track-and-Hold
This allows input signals with slew rates up to 1.6 V/
µs to be
converted to 8-bits without an external track-and-hold. This
corresponds to a 5 V peak-to-peak, 100 kHz sine wave signal.
3. Total Unadjusted Error
The AD7821 features an excellent total unadjusted error fig-
ure of less than
±1 LSB over the full operating temperature
range.
4. Unipolar/Bipolar Input Ranges
The AD7821 is specified for single supply (+5 V) operation
with a unipolar full-scale range of 0 to +5 V, and for dual sup-
ply (
±5 V) operation with a bipolar input range of ±2.5 V.
Typical performance characteristics are given for other input
ranges.
5. Dynamic Specifications for DSP Users
In addition to the traditional ADC specifications, the
AD7821 is specified for ac parameters, including signal-to-
noise ratio, distortion and slew rate.


Similar Part No. - AD7821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7821 AD-AD7821 Datasheet
816Kb / 16P
LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821 Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
AD7821BQ AD-AD7821BQ Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
AD7821KN AD-AD7821KN Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
AD7821KP AD-AD7821KP Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
More results

Similar Description - AD7821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Analog Devices
AD7820 AD-AD7820 Datasheet
609Kb / 12P
LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
8-Bit ADC with Track/Hold Function
23-Feb-2017
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
8-Bit ADC with Track/Hold Function
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com