Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7821 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7821
Description  LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821 Datasheet(HTML) 3 Page - Analog Devices

  AD7821 Datasheet HTML 1Page - Analog Devices AD7821 Datasheet HTML 2Page - Analog Devices AD7821 Datasheet HTML 3Page - Analog Devices AD7821 Datasheet HTML 4Page - Analog Devices AD7821 Datasheet HTML 5Page - Analog Devices AD7821 Datasheet HTML 6Page - Analog Devices AD7821 Datasheet HTML 7Page - Analog Devices AD7821 Datasheet HTML 8Page - Analog Devices AD7821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7821
REV. A
–3–
TIMING CHARACTERISTICS1 (V
DD = +5 V ± 5%, VSS = 0 V or –5 V ± 5%; Unipolar or Bipolar Input Range)
Limit at
Limit at
Limit at +25 CTMIN, TMAX
TMIN, TMAX
Parameter
(All Versions)
(K, B Versions)
(T Version)
Units
Conditions/Comments
tCSS
0
0
0
ns min
CS
to RD/WR Setup Time
tCSH
0
0
0
ns min
CS
to RD/WR Hold Time
tRDY
2
70
85
100
ns max
CS
to RDY Delay. Pull-Up
Resistor 5 k1.
tCRD
700
875
975
ns max
Conversion Time (RD Mode)
tACC0
3
Data Access Time (RD Mode)
tCRD + 25
tCRD + 30
tCRD + 35
ns max
CL = 20 pF
tCRD + 50
tCRD + 65
tCRD + 75
ns max
CL = 100 pF
tINTH
2
50
–
–
ns typ
RD
to INT Delay (RD Mode)
80
85
90
ns max
tDH
4
15
15
15
ns min
Data Hold Time
60
70
80
ns max
tP
350
425
500
ns min
Delay Time Between Conversions
tWR
250
325
400
ns min
Write Pulse Width
10
10
10
µs max
tRD
250
350
450
ns min
Delay Time between WR and RD Pulses
tREAD1
160
205
240
ns min
RD
Pulse Width (WR-RD Mode, see Figure 12b)
Determined by tACC1
tACC1
3
Data Access Time (WR-RD Mode, see Figure 12b)
160
205
240
ns max
CL = 20 pF
185
235
275
ns max
CL = 100 pF
tRI
150
185
220
ns max
RD
to INT Delay
tINTL
2
380
–
–
ns typ
WR
to INT Delay
500
610
700
ns max
tREAD2
65
75
85
ns min
RD
Pulse Width (WR-RD Mode, see Figure 12a)
Determined by tACC2
Data Access Time (WR-RD Mode, see Figure 12a)
tACC2
3
65
75
85
ns max
CL = 20 pF
90
110
130
ns max
CL = 100 pF
tIHWR
2
80
100
120
ns max
WR
to INT Delay (Stand-Alone Operation)
tID
3
Data Access Time after INT
(Stand-Alone Operation)
30
35
40
ns max
CL = 20 pF
45
60
70
ns max
CL = 100 pF
NOTES
1Sample tested at +25
°C to ensure compliance. All input control signals are specified with tr = tf = 5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V.
2C
L = 50 pF.
3Measured with load circuits of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V.
4Defined as the time required for the data lines to change 0.5 V when loaded with the circuits of Figure 2.
Specifications subject to change without notice.
Test Circuits
a. High Z to VOH
b. High Z to VOL
Figure 1. Load Circuits for Data Access Time Test
a. VOH to High Z
b. VOL to High Z
Figure 2. Load Circuits for Data Hold Time Test
ORDERING GUIDE
Total
Temperature
Unadjusted
Package
Model1
Range
Error (LSB) Option2
AD7821KN
–40
°C to +85°C
±1 max
N-20
AD7821KP
–40
°C to +85°C
±1 max
P-20A
AD7821KR
–40
°C to +85°C
±1 max
R-20
AD7821BQ
–40
°C to +85°C
±1 max
Q-20
AD7821TQ
–55
°C to +125°C ±1 max
Q-20
AD7821TE
–55
°C to +125°C ±1 max
E-20A
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to part
number. Contact local sales office for military data sheet.
2E = Leadless Ceramic Chip Carrier; N = Plastic DIP; P = Plastic Leaded
Chip Carrier; Q = Cerdip; R = SOIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com