Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7821 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7821
Description  LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821 Datasheet(HTML) 4 Page - Analog Devices

  AD7821 Datasheet HTML 1Page - Analog Devices AD7821 Datasheet HTML 2Page - Analog Devices AD7821 Datasheet HTML 3Page - Analog Devices AD7821 Datasheet HTML 4Page - Analog Devices AD7821 Datasheet HTML 5Page - Analog Devices AD7821 Datasheet HTML 6Page - Analog Devices AD7821 Datasheet HTML 7Page - Analog Devices AD7821 Datasheet HTML 8Page - Analog Devices AD7821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7821
REV. A
–4–
ABSOLUTE MAXIMUM RATINGS*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, + 7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, + 7 V
Digital Input Voltage to GND
(Pins 6–8, 13) . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
Digital Output Voltage to GND
(Pins 2–5, 9, 14–18) . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VREF(+) to GND . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VREF(–) to GND . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VIN to GND . . . . . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
Operating Temperature Range
Commercial (K Version) . . . . . . . . . . . . . . –40
°C to +85°C
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . . 450 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
TERMINOLOGY
LEAST SIGNIFICANT BIT (LSB)
An ADC with 8-bit resolution can resolve one part in 2
8 (1/256
of full scale). For the AD7821 operating in either the unipolar
or bipolar input range with 5 V full scale, one LSB is 19.53 mV.
TOTAL UNADJUSTED ERROR
This is a comprehensive specification which includes relative
accuracy, offset error and full-scale error.
SLEW RATE
Slew Rate is the maximum allowable rate of change of input
signal such that the digital sample values are not in error.
TOTAL HARMONIC DISTORTION
Total harmonic distortion is the ratio of the square root of the
sum of the squares of the rms value of the harmonics to the rms
value of the fundamental. For the AD7821, total harmonic dis-
tortion (THD) is defined as
20 log
V 2
2 +V
3
2 +V
5
2 +V
6
2
()
V1
dB
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, V6, are the rms amplitudes of the individual harmonics.
INTERMODULATION DISTORTION
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products, of order (m+n), at sum and difference frequencies of
mfa+nfb, where m, n = 0, 1, 2, 3,- - - -. Intermodulation terms
are those for which m or n is not equal to zero. For example, the
second order terms include (fa + fb) and (fa – fb), and the third
order terms include (2fa + fb), (2fa – fb), (fa + 2fb) and
(fa – 2fb). For the AD7821 intermodulation distortion is calcu-
lated separately for both the second and third order terms.
SIGNAL-TO-NOISE RATIO
Signal-to-noise ratio (SNR) is measured signal-to-noise at the
output of the ADC. The signal is the rms magnitude of the fun-
damental. Noise is the rms sum of all nonfundamental signals
(excluding dc) up to half the sampling frequency. SNR is de-
pendent on the number of quantization levels used in the digiti-
zation process. The theoretical SNR for a sine wave input is
given by:
SNR = (6.02 N + 1.76) dB
where N is the number of bits in the ADC. Thus, for an ideal
8-bit ADC, SNR = 50 dB.
PEAK HARMONIC OR SPURIOUS NOISE
Peak harmonic or spurious noise is the rms value of the largest
nonfundamental frequency (excluding dc) up to half the sam-
pling frequency to the rms value of the fundamental.
PIN CONFIGURATIONS
DIP AND SOIC
LCCC
PLCC
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7821 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com