Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPRV Datasheet(PDF) 7 Page - MERITEK ELECTRONICS CORPORATION

Part # MPRV
Description  Polymeric PTC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPRV Datasheet(HTML) 7 Page - MERITEK ELECTRONICS CORPORATION

  MPRV Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Product Dimensions (Millimeters)
A
B
C
D
E
F
Part
Number
Figure
Maximum
Maximum
Typical
Minimum
Maximum
Typical
MPRV240V005
1
8.3
10.7
5.1
7.6
3.8
1.6
MPRV240V008
1
8.3
10.7
5.1
7.6
3.8
1.6
MPRV240V012
1
8.3
10.7
5.1
7.6
3.8
1.6
MPRV240V016
1
9.9
12.5
5.1
7.6
3.8
1.6
MPRV240V025
2
9.6
17.4
5.1
7.6
3.8
1.8
MPRV240V033
2
11.4
16.5
5.1
7.6
3.8
1.8
MPRV240V040
2
11.5
19.5
5.1
7.6
3.8
1.8
MPRV240V055
3
14.0
21.7
5.1
7.6
4.1
1.9
MPRV240V075
3
11.5
23.4
5.1
7.6
4.8
1.9
MPRV240V100
4
18.7
24.4
10.2
7.6
5.1
1.9
MPRV240V125
4
21.2
27.4
10.2
7.6
5.3
1.9
MPRV240V200
3
24.9
33.8
10.2
7.6
6.1
1.9
Polymeric PTC
MPRV Series
Figure 1
Lead Size: 24AWG
Φ 0.51 mm Diameter
Figure 2
Lead Size: 22AWG
Φ 0.65 mm Diameter
Figure 3
Lead Size: 20AWG
Φ 0.81 mm Diameter
Figure 4
Lead Size: 20AWG
Φ 0.81 mm Diameter
Rev.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com