Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPRV Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MPRV
Description  Polymeric PTC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPRV Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MPRV Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Feature and Applications
UL E223037
•
ROHS Compliant (Lead Free) Product
•
Wide variety of electronic applications
•
Radial leaded type
•
Operation Current: 100mA to 3.75A
•
Maximum Operating Voltage: 120V
•
Maximum Interrupt Voltage: 135V
•
Temperature Range: -40ºC to 85ºC
Polymeric PTC
MPRV Series
PART NUMBERING SYSTEM
MPRV
120V
015
Meritek Series
Voltage rating
Current rating
Rev.7


Similar Part No. - MPRV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
Metal Plate Resistor Cement Type
logo
Illinois Capacitor, Inc...
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
Small size ??Low ESR ??Good Pulse Capabilities ??Stable
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
logo
TE Connectivity Ltd
MPR TEC-MPR Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - MPRV

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
Surface Mount Polymeric ESD Suppressors
logo
MERITEK ELECTRONICS COR...
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
Polymeric PTC
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
Polymeric PTC
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
Polymeric Thermal Cutoff Device
logo
Shanghai Leiditech Elec...
PESD2510AV12 LEIDITECH-PESD2510AV12 Datasheet
1Mb / 8P
Surface Mount Polymeric ESD Suppressor
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com