Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPRV Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MPRV
Description  Polymeric PTC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPRV Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MPRV Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Dimensions (Millimeters)
A
B
C
D
E
F
Part
Number
Figure
Maximum
Maximum
Typical
Minimum
Maximum
Typical
MPRV120V010
1
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V017
1
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V020
2
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V025
2
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V030
2
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V040
2
8.2
14.2
5.1
7.6
3.8
2.2
MPRV120V050
2
9.2
14.9
5.1
7.6
3.8
2.2
MPRV120V065
2
9.7
14.9
5.1
7.6
3.8
2.2
MPRV120V070
2
10.6
15.5
5.1
7.6
3.8
2.2
MPRV120V075
4
10.9
17.0
5.1
7.6
4.1
2.2
MPRV120V090
2
11.9
15.9
5.1
7.6
3.8
2.2
MPRV120V100
4
11.5
20.1
5.1
7.6
4.1
2.2
MPRV120V110
3
13.3
18.3
5.1
7.6
4.1
2.2
MPRV120V125
4
14.0
21.7
5.1
7.6
4.1
2.2
MPRV120V130
3
15.5
20.6
5.1
7.6
4.1
2.2
MPRV120V135
4
16.3
21.7
5.1
7.6
4.1
2.2
MPRV120V160
3
17.5
22.5
5.1
7.6
4.1
2.2
MPRV120V185
3
19.9
24.9
5.1
7.6
4.1
2.2
MPRV120V200
4
23.5
27.9
10.2
7.6
4.1
2.2
MPRV120V250
3
22.5
27.5
10.2
7.6
4.1
2.2
MPRV120V300
3
25.5
30.0
10.2
7.6
4.1
2.2
MPRV120V375
3
29.5
34.0
10.2
7.6
4.1
2.2
MPRV Series
Polymeric PTC
Figure 1
Lead Size: 24AWG
Φ 0.51 mm Diameter
Figure 3
Lead Size: 20AWG
Φ 0.81 mm Diameter
Figure 4
Lead Size: 20AWG
Φ 0.81 mm Diameter
Figure 2
Lead Size: 22AWG
Φ 0.65 mm Diameter
Rev.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com