Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPRV Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MPRV
Description  Polymeric PTC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPRV Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MPRV Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPRV Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics (23ºC)
Resistance Tolerance
Hold
Current
Trip
Current
Max.Time
to Trip
Maximum
Current
Rated
Voltage
Typical
Power
Rmin
R1max.
Part
Number
IH, A
IT, A
at 5XIH, Sec
Imax, A
Vmax, V
Pd, W
ohms
ohms
MPRV120V010
0.10
0.20
10.0
2.0
120
0.84
3.00
7.50
MPRV120V017
0.17
0.34
10.0
2.0
120
0.84
2.00
7.00
MPRV120V020
0.20
0.40
9.0
2.0
120
1.08
1.83
4.40
MPRV120V025
0.25
0.50
7.5
3.0
120
1.08
1.25
3.00
MPRV120V030
0.30
0.60
8.5
3.0
120
1.44
0.88
2.10
MPRV120V040
0.40
0.80
6.5
3.0
120
1.44
0.55
1.29
MPRV120V050
0.50
1.00
6.0
3.0
120
1.56
0.50
1.17
MPRV120V065
0.65
1.30
5.7
5.0
120
1.68
0.31
0.72
MPRV120V070
0.75
1.50
6.3
5.0
120
1.80
0.25
0.60
MPRV120V075
0.75
1.50
15.0
7.5
120
2.64
0.25
0.69
MPRV120V090
0.90
1.80
7.2
5.0
120
1.80
0.20
0.47
MPRV120V100
1.00
2.00
15.0
10.0
120
2.64
0.18
0.47
MPRV120V110
1.10
2.20
8.2
8.0
120
2.28
0.15
0.38
MPRV120V125
1.25
2.50
20.0
12.5
120
2.88
0.11
0.33
MPRV120V130
1.35
2.70
9.6
10.0
120
2.64
0.12
0.30
MPRV120V135
1.35
2.70
20.0
13.5
120
3.12
0.11
0.30
MPRV120V160
1.60
3.20
11.4
12.0
120
3.12
0.09
0.22
MPRV120V185
1.85
3.70
12.6
12.0
120
3.36
0.08
0.19
MPRV120V200
2.00
4.20
36.0
20.0
120
4.32
0.08
0.21
MPRV120V250
2.50
5.00
15.6
15.0
120
4.44
0.05
0.13
MPRV120V300
3.00
6.00
19.8
17.0
120
4.56
0.04
0.10
MPRV120V375
3.75
7.50
24.0
20.0
120
4.80
0.03
0.08
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air
environment.
Rmin=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
Polymeric PTC
MPRV Series
Rev.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com