Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870A Datasheet(PDF) 1 Page - Analog Devices

Part # AD7870A
Description  LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870A Datasheet(HTML) 1 Page - Analog Devices

  AD7870A Datasheet HTML 1Page - Analog Devices AD7870A Datasheet HTML 2Page - Analog Devices AD7870A Datasheet HTML 3Page - Analog Devices AD7870A Datasheet HTML 4Page - Analog Devices AD7870A Datasheet HTML 5Page - Analog Devices AD7870A Datasheet HTML 6Page - Analog Devices AD7870A Datasheet HTML 7Page - Analog Devices AD7870A Datasheet HTML 8Page - Analog Devices AD7870A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7870A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
LC2MOS
Complete, 12-Bit, 100 kHz , Sampling ADC
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Complete Monolithic 12-Bit ADC with:
2
s Track/Hold Amplifier
8
s A/D Converter
On-Chip Reference
Laser-Trimmed Clock
Parallel, Byte and Serial Digital Interface
70 dB SNR at 10 kHz Input Frequency
57 ns Data Access Time
Low Power—60 mW typ
APPLICATIONS
Digital Signal Processing
Speech Recognition and Synthesis
Spectrum Analysis
High Speed Modems
DSP Servo Control
GENERAL DESCRIPTION
The AD7870A is a fast, complete, 12-bit A/D converter. It con-
sists of a track/hold amplifier, 8
µs successive approximation
ADC, 3 V buried Zener reference and versatile interface logic.
The ADC features a self-contained internal clock that is laser
trimmed to guarantee accurate control of conversion time. No
external clock timing components are required; the on-chip
clock may be overridden by an external clock if required.
AD7870A offers a choice of three data output formats: a single,
parallel, 12-bit word, two 8-bit bytes or serial data. Fast bus
access times and standard control inputs ensure easy interfacing
to modern microprocessors and digital signal processors.
The AD7870A operates from
± 5 V power supplies, accepts
bipolar input signals of
±3 V and can convert full power signals
up to 50 kHz.
In addition to the traditional dc accuracy specifications such as
linearity, full-scale and offset errors, the AD7870A is also fully
specified for dynamic performance parameters including har-
monic distortion and signal-to-noise ratio.
The AD7870A is fabricated in Analog Devices’ linear compati-
ble CMOS (LC2MOS) process, a mixed technology process that
combines precision bipolar circuits with low power CMOS logic.
The part is available in a 24-pin, 0.3-inch wide, plastic dual in-
line package (DIP).
PRODUCT HIGHLIGHTS
1. Complete 12-bit ADC on a chip.
The AD7870A is the most complete monolithic ADC avail-
able and combines a 12-bit ADC with internal clock, track/
hold amplifier and reference on a single chip.
2. Dynamic specifications for DSP users.
The AD7870A is fully specified and tested for ac parameters,
including signal-to-noise ratio, harmonic distortion and inter-
modulation distortion. Key digital timing parameters are also
tested and guaranteed over the full operating temperature
range.
3. Fast microprocessor interface.
Data access times of 57 ns make the AD7870A compatible
with modern 8- and 16-bit microprocessors and digital signal
processors.


Similar Part No. - AD7870A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870AQ AD-AD7870AQ Datasheet
331Kb / 20P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV.B
AD7870AQ AD-AD7870AQ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
More results

Similar Description - AD7870A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7572 AD-AD7572 Datasheet
694Kb / 8P
LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
AD7572A AD-AD7572A Datasheet
816Kb / 12P
LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC
AD7870 AD-AD7870 Datasheet
331Kb / 20P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV.B
AD7878 AD-AD7878 Datasheet
417Kb / 16P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV.A
AD7883 AD-AD7883 Datasheet
349Kb / 12P
LC2MOS 12-Bit, 3.3 V Sampling ADC
REV.0
AD7886 AD-AD7886 Datasheet
400Kb / 16P
LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV.B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7572AANZ10 AD-AD7572AANZ10 Datasheet
819Kb / 12P
LC2MOS COMPLETE,HIGH SPEED 12-BIT ADC
REV. A
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com