Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870LP Datasheet(PDF) 5 Page - Analog Devices

Part # AD7870LP
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870LP Datasheet(HTML) 5 Page - Analog Devices

  AD7870LP Datasheet HTML 1Page - Analog Devices AD7870LP Datasheet HTML 2Page - Analog Devices AD7870LP Datasheet HTML 3Page - Analog Devices AD7870LP Datasheet HTML 4Page - Analog Devices AD7870LP Datasheet HTML 5Page - Analog Devices AD7870LP Datasheet HTML 6Page - Analog Devices AD7870LP Datasheet HTML 7Page - Analog Devices AD7870LP Datasheet HTML 8Page - Analog Devices AD7870LP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. B
2
AD7870/AD7875/AD7876
–5–
AD7870 ORDERING GUIDE
Integral
Temperature
VIN Voltage
SNR
Nonlinearity
Package
Model
1, 2
Range
Range (V)
(dBs)
(LSB)
Option
3
AD7870JN
0
°C to +70°C
±3
70 min
±1/2 typ
N-24
AD7870KN
0
°C to +70°C
±3
70 min
±1 max
N-24
AD7870LN
0
°C to +70°C
±3
72 min
±1/2 max
N-24
AD7870JP
0
°C to +70°C
±3
70 min
±1/2 typ
P-28A
AD7870KP
0
°C to +70°C
±3
70 min
±1 max
P-28A
AD7870LP
0
°C to +70°C
±3
72 min
±1/2 max
P-28A
AD7870AQ
–25
°C to +85°C
±3
70 min
±1/2 typ
Q-24
AD7870BQ
–25
°C to +85°C
±3
70 min
±1 max
Q-24
AD7870CQ
–25
°C to +85°C
±3
72 min
±1/2 max
Q-24
AD7870SQ4
–55
°C to +125°C
±3
70 min
±1/2 typ
Q-24
AD7870TQ
4
–55
°C to +125°C
±3
70 min
±1 max
Q-24
NOTES
1To order MIL-STD-883, Class B, processed parts, add /883B to part number. Contact local sales office for military data sheet.
2Contact local sales office for LCCC (Leadless Ceramic Chip Carrier) availability.
3N = Narrow Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip.
4Available to /883B processing only.
AD7875 ORDERING GUIDE
Integral
Temperature
VIN Voltage
SNR
Nonlinearity
Package
Model1, 2
Range
Range (V)
(dBs)
(LSB)
Option3
AD7875KN
0
°C to +70°C
0 to +5
70 min
±1 max
N-24
AD7875LN
0
°C to +70°C
0 to +5
72 min
±1/2 max
N-24
AD7875KP
0
°C to +70°C
0 to +5
70 min
±1 max
P-28A
AD7875LP
0
°C to +70°C
0 to +5
72 min
±1/2 max
P-28A
AD7875BQ
–40
°C to +85°C
0 to +5
70 min
±1 max
Q-24
AD7875CQ
–40
°C to +85°C
0 to +5
72 min
±1/2 max
Q-24
AD7875TQ4
–55
°C to +125°C
0 to +5
70 min
±1 max
Q-24
NOTES
1To order MIL-STD-883, Class B. processed parts, add /883B to part number. Contact local sales office for military data sheet.
2Contact local sales office for LCCC (Leadless Ceramic Chip Carrier) availability.
3N = Narrow Plastic DlP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip.
4Available to /883B processing only.
AD7876 ORDERING GUIDE
Integral
Temperature
VIN Voltage
Nonlinearity
Package
Model
1
Range
Range (V)
(LSB)
Option
2
AD7876BN
–40
°C to +85°C
±10
±1 max
N-24
AD7876CN
–40
°C to +85°C
±10
±1/2 max
N-24
AD7876BR
–40
°C to +85°C
±10
±1 max
R-24
AD7876CR
–40
°C to +85°C
±10
±1/2 max
R-24
AD7876BQ
–40
°C to +85°C
±10
±1 max
Q-24
AD7876CQ
–40
°C to +85°C
±10
±1/2 max
Q-24
AD7876TQ3
–55
°C to +125°C
±10
±1 max
Q-24
NOTES
1To order MIL-STD-883, Class B, processed parts, add /883B to the part number. Contact local sales office for military data sheet.
2N = Narrow Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).
3Available to /883B processing only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com