Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870LP Datasheet(PDF) 8 Page - Analog Devices

Part # AD7870LP
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870LP Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7870LP Datasheet HTML 4Page - Analog Devices AD7870LP Datasheet HTML 5Page - Analog Devices AD7870LP Datasheet HTML 6Page - Analog Devices AD7870LP Datasheet HTML 7Page - Analog Devices AD7870LP Datasheet HTML 8Page - Analog Devices AD7870LP Datasheet HTML 9Page - Analog Devices AD7870LP Datasheet HTML 10Page - Analog Devices AD7870LP Datasheet HTML 11Page - Analog Devices AD7870LP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. B
AD7870/AD7875/AD7876
–8–
straight binary with 1 LSB = FS/4096 = 5 V/4096 = 1.22 mV.
The ideal input/output transfer function is shown in Figure 7.
Figure 5c. AD7875 Analog Input
Figure 6. AD7870/AD7876 Transfer Function
Figure 7. AD7875 Transfer Function
OFFSET AND FULL-SCALE ADJUSTMENT—AD7870
In most digital signal processing (DSP) applications, offset and
full-scale errors have little or no effect on system performance.
Offset error can always be eliminated in the analog domain by
ac coupling. Full-scale error effect is linear and does not cause
problems as long as the input signal is within the full dynamic
range of the ADC. Some applications will require that the input
signal span the full analog input dynamic range. In such applica-
tions, offset and full-scale error will have to be adjusted to zero.
Where adjustment is required, offset error must be adjusted be-
fore full-scale error. This is achieved by trimming the offset of
the op amp driving the analog input of the AD7870 while the
input voltage is 1/2 LSB below ground. The trim procedure is as
follows: apply a voltage of –0.73 mV(–1/2 LSB) at V1 in Figure
8 and adjust the op amp offset voltage until the ADC output
code flickers between 1111 1111 1111 and 0000 0000 0000.
Gain error can be adjusted at either the first code transition
(ADC negative full-scale) or the last code transition (ADC posi-
tive full scale). The trim procedures for both cases are as follows
(see Figure 8).
Figure 8. Offset and Full-Scale Adjust Circuit
Positive Full-Scale Adjust
Apply a voltage of 2.9978 V (FS/2 – 3/2 LSBs) at V1. Adjust R2
until the ADC output code flickers between 0111 1111 1110
and 0111 1111 1111.
Negative Full-Scale Adjust
Apply a voltage of –2.9993 V (–FS/2 + 1/2 LSB) at V1 and ad-
just R2 until the ADC output code flickers between 1000 0000
0000 and 1000 0000 0001.
OFFSET AND FULL-SCALE ADJUSTMENT—AD7876
The offset and full-scale adjustment for the AD7876 is similar
to that just outlined for the AD7870. The trim procedure, for
those applications that do require adjustment, is as follows:
apply a voltage of –2.44 mV (–1/2 LSB) at V1 and adjust the op
amp offset voltage until the ADC output code flickers between
1111 1111 1111 and 0000 0000 0000. Full-scale error can be
adjusted at either the first code transition (ADC negative full
scale) or the last code transition (ADC positive full scale). The
trim procedure for both case is as follows (see Figure 8):
Positive Full-Scale Adjust
Apply a voltage of 9.9927 V (FS/2 –3/2 LSBs) at V1. Adjust R2
until the ADC output code flickers between 0111 1111 1110
and 0111 1111 1111.
Negative Full-Scale Adjust
Apply a voltage of –9.9976 V (FS/2 + 1/2 LSB) at V1 and adjust
R2 until the ADC output code flickers between 1000 0000 0000
and 1000 0000 0001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com