Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870LP Datasheet(PDF) 15 Page - Analog Devices

Part # AD7870LP
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870LP Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7870LP Datasheet HTML 11Page - Analog Devices AD7870LP Datasheet HTML 12Page - Analog Devices AD7870LP Datasheet HTML 13Page - Analog Devices AD7870LP Datasheet HTML 14Page - Analog Devices AD7870LP Datasheet HTML 15Page - Analog Devices AD7870LP Datasheet HTML 16Page - Analog Devices AD7870LP Datasheet HTML 17Page - Analog Devices AD7870LP Datasheet HTML 18Page - Analog Devices AD7870LP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. B
2
AD7870/AD7875/AD7876
–15–
STAND-ALONE OPERATION
The AD7870/AD7875/AD7876 can be used in its Mode 2, par-
allel interface mode for stand-alone operation. In this case, con-
version is initiated with a pulse to the ADC
CS input. This
pulse must be longer than the conversion time of the ADC. The
BUSY output is used to drive the RD input. Data is latched
from the ADC DB0–DB11 outputs to an external latch on the
rising edge of
BUSY.
Figure 25. Stand-Alone Operation
APPLICATION HINTS
Good printed circuit board (PCB) layout is as important as the
overall circuit design itself in achieving high speed A/D perfor-
mance. The designer has to be conscious of noise both in the
ADC itself and in the preceding analog circuitry. Switching
mode power supplies are not recommended as the switching
spikes will feed through to the comparator causing noisy code
transitions. Other causes of concern are ground loops and digi-
tal feedthrough from microprocessors. These are factors which
influence any ADC, and a proper PCB layout which minimizes
these effects is essential for best performance.
LAYOUT HINTS
Ensure that the layout for the printed circuit board has the digi-
tal and analog signal lines separated as much as possible. Take
care not to run any digital track alongside an analog signal track.
Guard (screen) the analog input with AGND.
Establish a single point analog ground (star ground) separate
from the logic system ground at the AGND pin or as close as
possible to the ADC. Connect all other grounds and the
AD7870/AD7875/AD7876 DGND to this single analog ground
point. Do not connect any other digital grounds to this analog
ground point.
Low impedance analog and digital power supply common re-
turns are essential to low noise operation of the ADC, so make
the foil width for these tracks as wide as possible. The use of
ground planes minimizes impedance paths and also guards the
analog circuitry from digital noise. The circuit layout of Figures
30 and 31 have both analog and digital ground planes which are
kept separated and only joined together at the AD7870/
AD7875/AD7876 AGND pin.
NOISE
Keep the input signal leads to VIN and signal return leads from
AGND as short as possible to minimize input noise coupling. In
applications where this is not possible, use a shielded cable be-
tween the source and the ADC. Reduce the ground circuit im-
pedance as much as possible since any potential difference in
grounds between the signal source and the ADC appears as an
error voltage in series with the input signal.
DATA ACQUISITION BOARD
Figure 28 shows the AD7870/AD7875/AD7876 in a data acqui-
sition circuit. The corresponding printed circuit board (PCB)
layout and silkscreen are shown in Figures 29 to 31. The board
layout has three interface ports: one serial and two parallel. One
of the parallel ports is directly compatible with the ADSP-2100
evaluation board expansion connector.
The only additional component required for a full data acquisi-
tion system is an antialiasing filter. A component grid is pro-
vided near the analog input on the PCB, which may be used for
such a filter or any other input conditioning circuitry. To facili-
tate this option there is a shorting plug (labelled LK1 on the
PCB) on the analog input track. If this shorting plug is used, the
analog input connects to the buffer amplifier driving the ADC;
if this shorting plug is omitted, a wire link can be used to con-
nect the analog input to the PCB component grid.
INTERFACE CONNECTIONS
There are two parallel connectors labeled SKT4 and SKT6 and
one serial connector labeled SKT5. A shorting plug option
(LK3 in Figure 28) on the ADC 12/
8/CLK input configures
the ADC for the appropriate interface (see Pin Function
Description).
SKT6 is a 96-contact (3-ROW) Eurocard connector that is
directly compatible with the ADSP-2100 Evaluation Board
Prototype Expansion Connector. The expansion connector on
the ADSP-2100 has eight decoded chip enable outputs labeled
ECE1 to ECE8. ECE6 is used to drive the ADC CS input on
the data acquisition board. To avoid selecting on board RAM
sockets at the same time, LK6 on the ADSP-2100 board must
be removed. In addition, the ADSP-2100 expansion connector
has four interrupts labelled
EIRQ0 to EIRQ3. The ADC BUSY/
INT output connects to EIRQ0. There is a single wait state gen-
erator connected to EDMACK to allow the ADC to interface to
the faster versions of the ADSP-2100.
SKT4 is a 26-way (2-ROW) IDC connector. This connector
contains all the signal contacts as SKT6 with the exception of
EDMACK which is connected to SKT6 only. It also contains
decoded R/
W and STRB inputs which are necessary for
TMS32020 interfacing. The SKT4 pinout is shown in Fig-
ure 26.
Figure 26. SKT4, IDC Connector Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com