Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870LP Datasheet(PDF) 14 Page - Analog Devices

Part # AD7870LP
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870LP Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7870LP Datasheet HTML 10Page - Analog Devices AD7870LP Datasheet HTML 11Page - Analog Devices AD7870LP Datasheet HTML 12Page - Analog Devices AD7870LP Datasheet HTML 13Page - Analog Devices AD7870LP Datasheet HTML 14Page - Analog Devices AD7870LP Datasheet HTML 15Page - Analog Devices AD7870LP Datasheet HTML 16Page - Analog Devices AD7870LP Datasheet HTML 17Page - Analog Devices AD7870LP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. B
AD7870/AD7875/AD7876
–14–
Serial Interfacing
Figures 21 to 24 show the AD7870/AD7875/AD7876 config-
ured for serial interfacing. In all four interfaces, the ADC is con-
figured for Mode 1 operation. The interfaces show a timer
driving the
CONVST input, but this could be generated from a
decoded address if required. The SCLK, SDAT and
SSTRB are
open-drain outputs. If these are required to drive capacitive
loads in excess 35 pF, buffering is recommended.
DSP56000 Serial Interface
Figure 21 shows a serial interface between the AD7870/
AD7875/AD7876 and the DSP56000. The interface arrange-
ment is two-wire with the ADC configured for noncontinuous
clock operation (12/
8/CLK = 0 V). The DSP56000 is config-
ured for normal mode asynchronous operation with gated clock.
It is also set up for a 16-bit word with SCK and SC1 as inputs
and the FSL control bit set to a 0. In this configuration, the
DSP56000 assumes valid data on the first falling edge of SCK.
Since the ADC provides valid data on this first edge, there is no
need for a strobe or framing pulse for the data. SCLK and
SDATA are gated off when the ADC is not performing a con-
version. During conversion, data is valid on the SDATA output
of the ADC and is clocked into the receive data shift register of
the DSP56000. When this register has received 16 bits of data,
it generates an internal interrupt on the DSP56000 to read the
data from the register.
Figure 21. DSP56000 Serial Interface
The DSP56000 and AD7870/AD7875/AD7876 can also be
configured for continuous clock operation (12/
8/CLK = –5 V).
In this case, a strobe pulse is required by the DSP56000 to indi-
cate when data is valid. The
SSTRB output of the ADC is in-
verted and applied to the SC1 input of the DSP56000 to
provide this strobe pulse. All other conditions and connections
are the same as for gated clock operation.
NEC7720/77230 Serial Interface
A serial interface between the AD7870/AD7875/AD7876 and
the NEC7720 is shown in Figure 22. In the interface shown, the
ADC is configured for continuous clock operation. This can be
changed to a noncontinuous clock by simply tying the 12/
8/CLK
input of the ADC to 0 V with all other connections remaining
the same. The NEC7720 expects valid data on the rising edge of
its SCK input and therefore an inverter is required on the
SCLK output of the ADC. The NEC7720 is configured for a
16-bit data word. Once the 16 bits of data have been received
by the SI register of the NEC7720, an internal interrupt is gen-
erated to read the contents of the SI register.
The NEC77230 interface is similar to that just outlined for the
NEC7720. However, the clock input of the NEC77230 is
SICLK. Additionally, no inverter is required between the ADC
SCLK output and this SICLK input since the NEC77230 as-
sumes data is valid on the falling edge of SICLK.
Figure 22. NEC7720 Serial Interface
TMS32020 Serial Interface
Figure 23 shows a serial interface between the AD7870/ AD7875/
AD7876 and the TMS32020. The AD7870/AD7875/AD7876 is
configured for continuous clock operation. Note, the ADC will
not interface correctly to the TMS32020 if the ADC is config-
ured for a noncontinuous clock. Data is clocked into the data
receive register (DRR) of the TMS32020 during conversion. As
with the previous interfaces, when a 16-bit word is received by
the TMS32020 it generates an internal interrupt to read the
data from the DRR.
Figure 23. TMS32020 Serial Interface
ADSP-2101/ADSP-2102 Serial Interface
Figure 24 shows a serial interface between the AD7870/AD7875/
AD7876 and the ADSP-2101/ADSP-2102. The ADC is config-
ured for continuous clock operation. Data is clocked into the
serial port register of the ADSP-2101/ADSP-2102 during con-
version. As with the previous interfaces, when a 16-bit data
word is received by the ADSP-2101/ADSP-2102 an internal mi-
croprocessor interrupt is generated and the data is read from the
serial port register.
Figure 24. ADSP-2101/ADSP-2102 Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com