Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD811 Datasheet(PDF) 13 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices AD811 Datasheet HTML 10Page - Analog Devices AD811 Datasheet HTML 11Page - Analog Devices AD811 Datasheet HTML 12Page - Analog Devices AD811 Datasheet HTML 13Page - Analog Devices AD811 Datasheet HTML 14Page - Analog Devices AD811 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AD811
REV. D
–13–
A Video Keyer Circuit
By using two AD834 multipliers, an AD811, and a 1 V dc
source, a special form of a two-input VCA circuit called a
video keyer can be assembled. “Keying” is the term used in
reference to blending two or more video sources under the
control of a third signal or signals to create such special effects
as dissolves and overlays. The circuit shown in Figure 41 is a
two-input keyer, with video inputs VA and VB, and a control
input VG. The transfer function (with VOUT at the load) is
given by:
VOUT = G VA + (1–G) VB
where G is a dimensionless variable (actually, just the gain of
the “A” signal path) that ranges from 0 when VG = 0, to 1
when VG = +1 V. Thus, VOUT varies continuously between VA
and VB as G varies from 0 to 1.
Circuit operation is straightforward. Consider first the signal
path through U1, which handles video input VA. Its gain is
clearly zero when VG = 0 and the scaling we have chosen
ensures that it is unity when VG = +1 V; this takes care of the
first term of the transfer function. On the other hand, the VG
input to U2 is taken to the inverting input X2 while X1 is
biased at an accurate +1 V. Thus, when VG = 0, the response
to video input VB is already at its full-scale value of unity,
whereas when VG = +1 V, the differential input X1–X2 is zero.
This generates the second term.
The bias currents required at the output of the multipliers are
provided by R8 and R9. A dc-level-shifting network comprising
R10/R12 and R11/R13 ensures that the input nodes of the
AD811 are positioned at a voltage within its common-mode
range. At high frequencies C1 and C2 bypass R10 and R11
respectively. R14 is included to lower the HF loop gain, and is
needed because the voltage-to-current conversion in the
AD834s, via the Y2 inputs, results in an effective value of the
feedback resistance of 250
Ω; this is only about half the value
required for optimum flatness in the AD811’s response. (Note
that this resistance is unaffected by G: when G = 1, all the
feedback is via U1, while when G = 0 it is all via U2). R14
reduces the fractional amount of output current from the multi-
pliers into the current-summing inverting input of the AD811,
by sharing it with R8. This resistor can be used to adjust the
bandwidth and damping factor to best suit the application.
To generate the 1 V dc needed for the “1–G” term an AD589
reference supplies 1.225 V
± 25 mV to a voltage divider consist-
ing of resistors R2 through R4. Potentiometer R3 should be
adjusted to provide exactly +1 V at the X1 input.
In this case, we have shown an arrangement using dual supplies
of
±5 V for both the AD834 and the AD811. Also, the overall
gain in this case is arranged to be unity at the load, when it is
driven from a reverse-terminated 75
Ω line. This means that the
“dual VCA” has to operate at a maximum gain of 2, rather
1
2
34
87
6
5
1
2
34
87
6
5
X2
X1 +VS
W1
Y1
Y2
W2
–VS
U1
AD834
U3
AD811
R8
29.4
R9
29.4
R12
6.98k
R13
6.98k
R10
2.49k
C3
0.1 F
FB
VOUT
FB
VG
VA
R6
226
R7
45.3
+5V
X2
X1 +V S
W1
Y1
Y2
W2
–VS
U1
AD834
–5V
+5V
U4
AD589
R5
113
(0 TO +1V dc)
( 1V FS)
–5V
R4
1.02k
R3
100
R2
174
R1
1.87k
VB
( 1V FS)
+5V
–5V
C1
0.1 F
R14
SEE TEXT
+5V
–5V
C4
0.1 F
C2
0.1 F
R11
2.49k
LOAD
GND
LOAD
GND
ZO
200
TO Y2
TO PIN 6
AD811
SETUP FOR DRIVING
REVERSE-TERMINATED LOAD
ZO
200
VOUT
INSET
Figure 41. A Practical Video Keyer Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com