Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD811 Datasheet(PDF) 2 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 2 Page - Analog Devices

  AD811 Datasheet HTML 1Page - Analog Devices AD811 Datasheet HTML 2Page - Analog Devices AD811 Datasheet HTML 3Page - Analog Devices AD811 Datasheet HTML 4Page - Analog Devices AD811 Datasheet HTML 5Page - Analog Devices AD811 Datasheet HTML 6Page - Analog Devices AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AD811J/A
1
AD811S
2
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Small Signal Bandwidth (No Peaking)
–3 dB
G = +1
RFB = 562 Ω± 15 V
140
140
MHz
G = +2
RFB = 649 Ω± 15 V
120
120
MHz
G = +2
RFB = 562 Ω± 5 V
80
80
MHz
G = +10
RFB = 511 Ω± 15 V
100
100
MHz
0.1 dB Flat
G = +2
RFB = 562 Ω± 5 V
25
25
MHz
RFB = 649 Ω± 15 V
35
35
MHz
Full Power Bandwidth
3
VOUT = 20 V p-p
±15 V
40
40
MHz
Slew Rate
VOUT = 4 V p-p
±5 V
400
400
V/
µs
VOUT = 20 V p-p
±15 V
2500
2500
V/
µs
Settling Time to 0.1%
10 V Step, AV = –1
±15 V
50
50
ns
Settling Time to 0.01%
65
65
ns
Settling Time to 0.1%
2 V Step, AV = –1
±5 V
25
25
ns
Rise Time, Fall Time
RFB = 649, AV = +2
±15 V
3.5
3.5
ns
Differential Gain
f = 3.58 MHz
±15 V
0.01
0.01
%
Differential Phase
f = 3.58 MHz
±15 V
0.01
0.01
Degree
THD @ fC = 10 MHz
VOUT = 2 V p-p, AV = +2
±15 V
–74
–74
dBc
Third Order Intercept
4
@ fC = 10 MHz
±5 V
36
36
dBm
±15 V
43
43
dBm
INPUT OFFSET VOLTAGE
±5 V, ±15 V
0.5
3
0.5
3
mV
TMIN to TMAX
55
mV
Offset Voltage Drift
55
µV/°C
INPUT BIAS CURRENT
–Input
±5 V, ±15 V
2
5
2
5
µA
TMIN to TMAX
15
30
µA
+Input
±5 V, ±15 V
2
10
2
10
µA
TMIN to TMAX
20
25
µA
TRANSRESISTANCE
TMIN to TMAX
VOUT = ± 10 V
RL = ∞± 15 V
0.75
1.5
0.75
1.5
M
Ω
RL = 200 Ω± 15 V
0.5
0.75
0.5
0.75
M
Ω
VOUT = ± 2.5 V
RL = 150 Ω± 5 V
0.25
0.4
0.125
0.4
M
Ω
COMMON-MODE REJECTION
VOS (vs. Common Mode)
TMIN to TMAX
VCM = ± 2.5
±5 V
56
60
50
60
dB
TMIN to TMAX
VCM = ± 10 V
±15 V
60
66
56
66
dB
Input Current (vs. Common Mode)
TMIN to TMAX
13
1
3
µA/V
POWER SUPPLY REJECTION
VS = ± 4.5 V to ± 18 V
VOS
TMIN to TMAX
60
70
60
70
dB
+Input Current
TMIN to TMAX
0.3
2
0.3
2
µA/V
–Input Current
TMIN to TMAX
0.4
2
0.4
2
µA/V
INPUT VOLTAGE NOISE
f = 1 kHz
1.9
1.9
nV/
√Hz
INPUT CURRENT NOISE
f = 1 kHz
20
20
pA/
√Hz
OUTPUT CHARACTERISTICS
Voltage Swing, Useful Operating Range
5
±5 V
±2.9
±2.9
V
±15 V
±12
±12
V
Output Current
TJ = +25°C
100
100
mA
Short-Circuit Current
150
150
mA
Output Resistance
(Open Loop @ 5 MHz)
9
9
Ω
INPUT CHARACTERISTICS
+Input Resistance
1.5
1.5
M
Ω
–Input Resistance
14
14
Ω
Input Capacitance
+Input
7.5
7.5
pF
Common-Mode Voltage Range
±5 V
± 3
±3V
±15 V
±13
±13
V
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
±5 V
14.5
16.0
14.5
16.0
mA
±15 V
16.5
18.0
16.5
18.0
mA
TRANSISTOR COUNT
# of Transistors
40
40
NOTES
1The AD811JR is specified with
± 5 V power supplies only, with operation up to ±12 volts.
2See Analog Devices’ military data sheet for 883B tested specifications.
3FPBW = slew rate/(2
π V
PEAK).
4Output power level, tested at a closed loop gain of two.
5Useful operating range is defined as the output voltage at which linearity begins to degrade.
Specifications subject to change without notice.
AD811–SPECIFICATIONS (@ T
A = +25 C and VS =
15 V dc, RLOAD = 150
Ω unless otherwise noted)
–2–
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com