Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD811 Datasheet(PDF) 14 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices AD811 Datasheet HTML 10Page - Analog Devices AD811 Datasheet HTML 11Page - Analog Devices AD811 Datasheet HTML 12Page - Analog Devices AD811 Datasheet HTML 13Page - Analog Devices AD811 Datasheet HTML 14Page - Analog Devices AD811 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AD811
REV. D
–14–
than 4 as in the VCA circuit of Figure 40. However, this cannot
be achieved by lowering the feedback resistor, since below a
critical value (not much less than 500
Ω) the AD811’s peaking
may be unacceptable. This is because the dominant pole in the
open-loop ac response of a current-feedback amplifier is con-
trolled by this feedback resistor. It would be possible to operate
at a gain of X4 and then attenuate the signal at the output.
Instead, we have chosen to attenuate the signals by 6 dB at the
input to the AD811; this is the function of R8 through R11.
Figure 42 is a plot of the ac response of the feedback keyer,
when driving a reverse terminated 50
Ω cable. Output noise and
adjacent channel feedthrough, with either channel fully off and
the other fully on, is about –50 dB to 10 MHz. The feedthrough
at 100 MHz is limited primarily by board layout. For VG = +1 V,
the –3 dB bandwidth is 15 MHz when using a 137
Ω resistor for
R14 and 70 MHz with R14 = 49.9
Ω. For further information
regarding the design and operation of the VCA and video keyer
circuits, refer to the application note “Video VCA’s and Keyers
Using the AD834 & AD811” by Brunner, Clarke, and Gilbert,
available FREE from Analog Devices.
100M
–60
–80
100k
–70
10k
–30
–50
–40
–20
–10
0
10M
1M
FREQUENCY – Hz
ADJACENT
CHANNEL
FEEDTHROUGH
GAIN
R14 = 137
R14 = 49.9
Figure 42. A Plot of the AC Response of the Video Keyer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com