Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD811 Datasheet(PDF) 4 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 4 Page - Analog Devices

  AD811 Datasheet HTML 1Page - Analog Devices AD811 Datasheet HTML 2Page - Analog Devices AD811 Datasheet HTML 3Page - Analog Devices AD811 Datasheet HTML 4Page - Analog Devices AD811 Datasheet HTML 5Page - Analog Devices AD811 Datasheet HTML 6Page - Analog Devices AD811 Datasheet HTML 7Page - Analog Devices AD811 Datasheet HTML 8Page - Analog Devices AD811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD811–Typical Performance Characteristics
REV. D
–4–
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
TA = +25 C
Figure 1. Input Common-Mode Voltage Range vs. Supply
35
0
10k
15
5
100
10
10
30
20
25
1k
LOAD RESISTANCE –
VS = 5V
VS = 15V
Figure 2. Output Voltage Swing vs. Resistive Load
10
–30
–60
140
0
–20
–40
–10
100
120
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V
NONINVERTING INPUT
5 TO
15V
INVERTING
INPUT
Figure 3. Input Bias Current vs. Junction Temperature
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
TA = +25 C
NO LOAD
RL = 150
Figure 4. Output Voltage Swing vs. Supply
21
3
140
12
6
–40
9
–60
18
15
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V
Figure 5. Quiescent Supply Current vs. Junction
Temperature
10
–10
140
–4
–8
–40
–6
–60
2
–2
0
4
6
8
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
VS = 5V
VS = 15V
Figure 6. Input Offset Voltage vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com