Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820 Datasheet(PDF) 12 Page - Analog Devices

Part # AD820
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD820 Datasheet HTML 8Page - Analog Devices AD820 Datasheet HTML 9Page - Analog Devices AD820 Datasheet HTML 10Page - Analog Devices AD820 Datasheet HTML 11Page - Analog Devices AD820 Datasheet HTML 12Page - Analog Devices AD820 Datasheet HTML 13Page - Analog Devices AD820 Datasheet HTML 14Page - Analog Devices AD820 Datasheet HTML 15Page - Analog Devices AD820 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD820
REV. B
–12–
GND
Figure 35. VS = +5 V, 0 V; Unity Gain Follower Response
to 40 mV Step Centered 40 mV Above Ground
100
GND
Figure 36. VS = +5 V, 0 V; Gain of Two Inverter Response
to 20 mV Step, Centered 20 mV Below Ground
GND
Figure 37. VS = 3 V, 0 V; Gain of Two Inverter, VIN = 1.25 V,
25 kHz, Sine Wave Centered at –0.75 V, RL = 600 Ω
AD820
RL
100pF
VOUT
0.01 F
+VS
VIN
3
2
4
7
6
Figure 32. Unity-Gain Follower
10k
20k
VIN
AD820
RL
100pF
VOUT
0.01 F
+VS
3
2
4
7
6
Figure 33. Gain of Two Inverter
GND
Figure 34. VS = +5 V, 0 V; Gain of Two Inverter Response
to 2.5 V Step Centered –1.25 V Below Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com