Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820 Datasheet(PDF) 1 Page - Analog Devices

Part # AD820
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 1 Page - Analog Devices

  AD820 Datasheet HTML 1Page - Analog Devices AD820 Datasheet HTML 2Page - Analog Devices AD820 Datasheet HTML 3Page - Analog Devices AD820 Datasheet HTML 4Page - Analog Devices AD820 Datasheet HTML 5Page - Analog Devices AD820 Datasheet HTML 6Page - Analog Devices AD820 Datasheet HTML 7Page - Analog Devices AD820 Datasheet HTML 8Page - Analog Devices AD820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CONNECTION DIAGRAMS
8-Lead Plastic Mini-DIP
8-Lead SOIC
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Single Supply, Rail to Rail
Low Power FET-Input Op Amp
AD820
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
FEATURES
True Single Supply Operation
Output Swings Rail-to-Rail
Input Voltage Range Extends Below Ground
Single Supply Capability from +3 V to +36 V
Dual Supply Capability from
1.5 V to
18 V
Excellent Load Drive
Capacitive Load Drive Up to 350 pF
Minimum Output Current of 15 mA
Excellent AC Performance for Low Power
800
A Max Quiescent Current
Unity Gain Bandwidth: 1.8 MHz
Slew Rate of 3.0 V/ s
Excellent DC Performance
800
V Max Input Offset Voltage
1
V/ C Typ Offset Voltage Drift
25 pA Max Input Bias Current
Low Noise
13 nV/
√Hz @ 10 kHz
APPLICATIONS
Battery Powered Precision Instrumentation
Photodiode Preamps
Active Filters
12- to 14-Bit Data Acquisition Systems
Medical Instrumentation
Low Power References and Regulators
PRODUCT DESCRIPTION
The AD820 is a precision, low power FET input op amp that
can operate from a single supply of +3.0 V to 36 V, or dual
supplies of
±1.5 V to ±18 V. It has true single supply capability
with an input voltage range extending below the negative rail,
50
0
10
15
5
1
10
0
30
20
25
35
40
45
9
8
7
6
5
4
3
2
INPUT BIAS CURRENT – pA
Figure 1. Typical Distribution of Input Bias Current
allowing the AD820 to accommodate input signals below
ground in the single supply mode. Output voltage swing extends
to within 10 mV of each rail providing the maximum output
dynamic range.
Offset voltage of 800
µV max, offset voltage drift of 1 µV/°C, typ
input bias currents below 25 pA and low input voltage noise
provide dc precision with source impedances up to a Gigaohm.
1.8 MHz unity gain bandwidth, –93 dB THD at 10 kHz and
3 V/
µs slew rate are provided for a low supply current of
800
µA. The AD820 drives up to 350 pF of direct capacitive
load and provides a minimum output current of 15 mA. This
allows the amplifier to handle a wide range of load conditions.
This combination of ac and dc performance, plus the outstand-
ing load drive capability, results in an exceptionally versatile
amplifier for the single supply user.
The AD820 is available in three performance grades. The A and
B grades are rated over the industrial temperature range of
–40
°C to +85°C. There is 3 V grade—the AD820A-3V, rated
over the industrial temperature range.
The AD820 is offered in two varieties of 8-lead package: plastic
DIP, and surface mount (SOIC).
Figure 2. Gain of +2 Amplifier; VS = +5, 0, VIN = 2.5 V Sine
Centered at 1.25 Volts
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD820
NULL
–IN
+IN
–VS
NC
+VS
VOUT
NULL
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD820
NC
–IN
+IN
–VS
NC
+VS
VOUT
NC
NC = NO CONNECT


Similar Part No. - AD820

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD820 ETC1-AD820 Datasheet
141Kb / 1P
SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD820 AD-AD820 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820 AD-AD820 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
AD820 AD-AD820 Datasheet
428Kb / 24P
Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD820 AD-AD820 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
More results

Similar Description - AD820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD824 AD-AD824 Datasheet
551Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV.A
AD824 AD-AD824_03 Datasheet
552Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD820 AD-AD820_07 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD822 AD-AD822_15 Datasheet
296Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824 AD-AD824_15 Datasheet
436Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com