Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820 Datasheet(PDF) 4 Page - Analog Devices

Part # AD820
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 4 Page - Analog Devices

  AD820 Datasheet HTML 1Page - Analog Devices AD820 Datasheet HTML 2Page - Analog Devices AD820 Datasheet HTML 3Page - Analog Devices AD820 Datasheet HTML 4Page - Analog Devices AD820 Datasheet HTML 5Page - Analog Devices AD820 Datasheet HTML 6Page - Analog Devices AD820 Datasheet HTML 7Page - Analog Devices AD820 Datasheet HTML 8Page - Analog Devices AD820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD820A
AD820B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
DC PERFORMANCE
Initial Offset
0.4
2
0.3
1.0
mV
Max Offset over Temperature
0.5
3
0.5
2
mV
Offset Drift
2
2
µV/°C
Input Bias Current
V
CM = 0 V
2
25
2
10
pA
V
CM = –10 V
40
40
pA
at T
MAX
V
CM = 0 V
0.5
5
0.5
2.5
nA
Input Offset Current
2
20
2
10
pA
at T
MAX
0.5
0.5
nA
Open-Loop Gain
V
O = +10 V to –10 V
R
L = 100k
500
2000
500
2000
V/mV
T
MIN to TMAX
500
500
V/mV
R
L = 10k
100
500
100
500
V/mV
T
MIN to TMAX
100
100
V/mV
R
L = 1k
30
45
30
45
V/mV
T
MIN to TMAX
20
20
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
0.1 Hz to 10 Hz
2
2
µV p-p
f = 10 Hz
25
25
nV/
√Hz
f = 100 Hz
21
21
nV/
√Hz
f = 1 kHz
16
16
nV/
√Hz
f = 10 kHz
13
13
nV/
√Hz
Input Current Noise
0.1 Hz to 10 Hz
18
18
fA p-p
f = 1 kHz
0.8
0.8
fA/
√Hz
Harmonic Distortion
RL = 10k
f = 10 kHz
VO = ± 10 V
–85
–85
dB
DYNAMIC PERFORMANCE
Unity Gain Frequency
1.9
1.9
MHz
Full Power Response
V
O p-p = 20 V
45
45
kHz
Slew Rate
3
3
V/
µs
Settling Time
to 0.1%
VO = 0 V to ± 10 V
4.1
4.1
µs
to 0.01%
4.5
4.5
µs
INPUT CHARACTERISTICS
Common-Mode Voltage Range
1
–15.2
14
–15.2
14
V
TMIN to TMAX
–15.2
14
–15.2
14
V
CMRR
VCM = –15 V to 12 V
70
80
74
90
dB
TMIN to TMAX
70
74
dB
Input Impedance
Differential
10
13 0.5
10
13 0.5
Ω pF
Common Mode
10
13 2.8
10
13 2.8
Ω pF
OUTPUT CHARACTERISTICS
Output Saturation Voltage
2
VOL–VEE
ISINK = 20 µA
5
7
57mV
TMIN to TMAX
10
10
mV
VCC–VOH
ISOURCE = 20 µA
10
14
1014mV
TMIN to TMAX
20
20
mV
VOL–VEE
ISINK = 2 mA
40
55
40
55
mV
TMIN to TMAX
80
80
mV
VCC–VOH
ISOURCE = 2 mA
80
110
80
110
mV
TMIN to TMAX
160
160
mV
VOL–VEE
ISINK = 15 mA
300
500
300
500
mV
TMIN to TMAX
1000
1000
mV
VCC–VOH
ISOURCE = 15 mA
800
1500
800
1500
mV
TMIN to TMAX
1900
1900
mV
Operating Output Current
20
20
mA
TMIN to TMAX
15
15
mA
Short Circuit Current
45
45
mA
Capacitive Load Drive
350
350
POWER SUPPLY
Quiescent Current
TMIN to TMAX
700
900
700
900
µA
Power Supply Rejection
VS+ = 5 V to 15 V
70
80
70
80
dB
TMIN to TMAX
70
70
dB
AD820–SPECIFICATIONS
–4–
REV. B
(VS =
15 volts @ TA = +25 C, VCM = 0 V, VOUT = 0 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com