Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820 Datasheet(PDF) 14 Page - Analog Devices

Part # AD820
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD820 Datasheet HTML 8Page - Analog Devices AD820 Datasheet HTML 9Page - Analog Devices AD820 Datasheet HTML 10Page - Analog Devices AD820 Datasheet HTML 11Page - Analog Devices AD820 Datasheet HTML 12Page - Analog Devices AD820 Datasheet HTML 13Page - Analog Devices AD820 Datasheet HTML 14Page - Analog Devices AD820 Datasheet HTML 15Page - Analog Devices AD820 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD820
REV. B
–14–
Direct capacitive load will interact with the amplifier’s effective
output impedance to form an additional pole in the amplifier’s
feedback loop, which can cause excessive peaking on the pulse
response or loss of stability. Worst case is when the amplifier is
used as a unity gain follower. Figure 40 shows the AD820’s
pulse response as a unity gain follower driving 350 pF. This
amount of overshoot indicates approximately 20 degrees of
phase margin—the system is stable, but is nearing the edge.
Configurations with less loop gain, and as a result less loop
bandwidth, will be much less sensitive to capacitance load ef-
fects. Figure 41 is a plot of capacitive load that will result in a
20 degree phase margin versus noise gain for the AD820. Noise
gain is the inverse of the feedback attenuation factor provided
by the feedback network in use.
Figure 40. Small Signal Response of AD820 as Unity Gain
Follower Driving 350 pF Capacitive Load
RI
RF
CAPACITIVE LOAD FOR 20 PHASE MARGIN – pF
5
4
1
300
3
2
1k
3k
10k
30k
Figure 41. Capacitive Load Tolerance vs. Noise Gain
Figure 42 shows a possible configuration for extending capaci-
tance load drive capability for a unity gain follower. With these
component values, the circuit will drive 5,000 pF with a 10%
overshoot.
100
20k
AD820
VOUT
0.01 F
+VS
VIN
0.01 F
–VS
3
2
4
7
6
20pF
Figure 42. Extending Unity Gain Follower Capacitive Load
Capability Beyond 350 pF
OFFSET VOLTAGE ADJUSTMENT
The AD820’s offset voltage is low, so external offset voltage
nulling is not usually required. Figure 43 shows the recom-
mended technique for AD820’s packaged in plastic DIPs.
Adjusting offset voltage in this manner will change the offset
voltage temperature drift by 4
µV/°C for every millivolt of in-
duced offset. The null pins are not functional for AD820s in the
SO-8 “R” package.
20k
1
AD820
+VS
–VS
3
2
4
7
6
5
Figure 43. Offset Null
APPLICATIONS
Single Supply Half-Wave and Full-Wave Rectifiers
An AD820 configured as a unity gain follower and operated
with a single supply can be used as a simple half-wave rectifier.
The AD820’s inputs maintain picoamp level input currents even
when driven well below the minus supply. The rectifier puts that
behavior to good use, maintaining an input impedance of over
10
11
Ω for input voltages from 1 volt from the positive supply to
20 volts below the negative supply.
The full and half-wave rectifier shown in Figure 44 operates as
follows: when VIN is above ground, R1 is bootstrapped through
the unity gain follower A1 and the loop of amplifier A2. This
forces the inputs of A2 to be equal, thus no current flows through
R1 or R2, and the circuit output tracks the input. When VIN is
below ground, the output of A1 is forced to ground. The non-
inverting input of amplifier A2 sees the ground level output of
A1, therefore A2 operates as a unity gain inverter. The output at
node C is then a full-wave rectified version of the input. Node B
is a buffered half-wave rectified version of the input. Input volt-
ages up to
±18 volts can be rectified, depending on the voltage
supply used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com