Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830 Datasheet(PDF) 5 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 5 Page - Analog Devices

  AD830 Datasheet HTML 1Page - Analog Devices AD830 Datasheet HTML 2Page - Analog Devices AD830 Datasheet HTML 3Page - Analog Devices AD830 Datasheet HTML 4Page - Analog Devices AD830 Datasheet HTML 5Page - Analog Devices AD830 Datasheet HTML 6Page - Analog Devices AD830 Datasheet HTML 7Page - Analog Devices AD830 Datasheet HTML 8Page - Analog Devices AD830 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD830
REV. A
–5–
FREQUENCY – Hz
110
30
10M
50
40
1k
70
60
80
90
100
1M
100k
10k
V
S = ±15V
V
S = ±5V
Figure 1. Common-Mode Rejection Ratio vs. Frequency
FREQUENCY – Hz
–50
–70
–90
10k
10M
1M
100k
1k
–80
–60
V
OUT = 2V p-p
R
L = 150Ω
GAIN = +1
±5V SUPPLIES
2ND HARMONIC
3RD HARMONIC
±15V SUPPLIES
2ND HARMONIC
3RD HARMONIC
Figure 2. Harmonic Distortion vs. Frequency
JUNCTION TEMPERATURE –
°C
9
3
140
6
4
–40
5
–60
8
7
120
80
60
40
100
20
0
–20
Figure 3. Input Bias Current vs. Temperature
Typical Characteristics–
FREQUENCY – Hz
100
10
10M
30
20
1k
40
50
60
70
80
90
1M
100k
10k
TO V
P @ ±15V
TO V
P @ ±5V
TO V
N @ ±15V
TO V
N @ ±5V
Figure 4. Power Supply Rejection Ratio vs. Frequency
FREQUENCY – Hz
3
–12
–27
100k
100M
10M
1M
10k
–9
–6
–3
0
–24
–21
–18
–15
±15V
±5V
1G
±10V
R
L = 150Ω
C
L = 4.7pF
Figure 5. Closed-Loop Gain vs. Frequency G = +1
JUNCTION TEMPERATURE –
°C
3
–4
140
–1
–3
–40
–2
–60
2
0
1
120
100
80
60
40
20
0
–20
±5V
S
±15V
S
±10V
S
Figure 6. Input Offset Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com