Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830 Datasheet(PDF) 15 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD830 Datasheet HTML 8Page - Analog Devices AD830 Datasheet HTML 9Page - Analog Devices AD830 Datasheet HTML 10Page - Analog Devices AD830 Datasheet HTML 11Page - Analog Devices AD830 Datasheet HTML 12Page - Analog Devices AD830 Datasheet HTML 13Page - Analog Devices AD830 Datasheet HTML 14Page - Analog Devices AD830 Datasheet HTML 15Page - Analog Devices AD830 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD830
REV. A
–15–
AC COUPLED LINE RECEIVER
The AD830 is configurable as an ac coupled differential ampli-
fier on a single or bipolar supply voltages. All that is needed is
inclusion of a few noncritical passive components as illustrated
below in Figure 42. A simple resistive network at the X GM
input establishes a common-mode bias. Here, the common
mode is centered at 6 volts, but in principle can be any voltage
within the common-mode limits of the AD830. The 10 k
Ω re-
sistors to each input bias the X GM stage with sufficiently high
impedance to keep the input coupling corner frequency low, but
not too large so that residual bias current induced offset voltage
becomes troublesome. For dual supply operation, the 10 k
Ω
resistors may go directly to ground. The output common is con-
veniently set by a Zener diode for a low impedance reference to
preserve the high frequency CMR. However, a simple resistive
divider will work fine and good high frequency CMR can be
maintained by placing a compensating resistor in series with the
+Y input. The excellent CMRR response of the circuit is shown
in Figure 43. A plot of the 0.1 dB flatness from 10 Hz is also
shown. With the use of 10
µF capacitors, the CMR is >90 dB
down to a few tens of hertz. This level of performance is almost
impossible to achieve with discrete solutions.
4
5
3
6
AD830
1
2
8
7
A=1
ZCM
+12V
0.1µF
VOUT
GM
GM
75
Ω
75
Ω
1000µF
75
Ω
COAX
CABLE
+12V
4.7k
Ω
6.8V
1N4736
+VS
10k
Ω
10k
Ω
10µF
10µF
RT
10k
Ω
10k
Ω
2k
Ω*
*OPTIONAL TUNING FOR
IMPROVING VERY LOW
FREQUENCY CMR.
C
INPUT
SIGNAL
Figure 42. AC Coupled Line Receiver
120
100
20
10
100
100M
10M
1M
100k
10k
1k
80
60
40
FREQUENCY – Hz
WITH CIRCUIT TRIMMED
USING EXTERNAL 2k
Ω
POTENTIOMETER
WITHOUT EXTERNAL
2k
Ω POTENTIOMETER
Figure 43. Common-Mode Rejection vs. Frequency for
Line Receiver
1
–0.4
–0.9
10
100
10M
1M
100k
10k
1k
–0.3
–0.2
–0.1
0
–0.8
–0.7
–0.6
–0.5
FREQUENCY – Hz
Figure 44. Amplitude Response vs. Frequency for Line
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com