Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830 Datasheet(PDF) 2 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 2 Page - Analog Devices

  AD830 Datasheet HTML 1Page - Analog Devices AD830 Datasheet HTML 2Page - Analog Devices AD830 Datasheet HTML 3Page - Analog Devices AD830 Datasheet HTML 4Page - Analog Devices AD830 Datasheet HTML 5Page - Analog Devices AD830 Datasheet HTML 6Page - Analog Devices AD830 Datasheet HTML 7Page - Analog Devices AD830 Datasheet HTML 8Page - Analog Devices AD830 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD830–SPECIFICATIONS (V
S =
15 V, RLOAD = 150
, CLOAD = 5 pF, TA = +25 C unless otherwise noted)
AD830J/A
AD830S
1
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC CHARACTERISTICS
3 dB Small Signal Bandwidth
Gain = 1, VOUT = 100 mV rms
75
85
75
85
MHz
0.1 dB Gain Flatness Frequency
Gain = 1, VOUT = 100 mV rms
11
15
11
15
MHz
Differential Gain Error
0 to +0.7 V, Frequency = 4.5 MHz
0.06
0.09
0.06
0.09
%
Differential Phase Error
0 to +0.7 V, Frequency = 4.5 MHz
0.08
0.12
0.08
0.12
Degrees
Slew Rate
2 V Step, RL = 500 Ω
360
360
V/
µs
4 V Step, RL = 500 Ω
350
350
V/
µs
3 dB Large Signal Bandwidth
Gain = 1, VOUT = 1 V rms
38
45
38
45
MHz
Settling Time, Gain = 1
VOUT = 2 V Step, to 0.1%
25
25
ns
VOUT = 4 V Step, to 0.1%
35
35
ns
Harmonic Distortion
2 V p-p, Frequency = 1 MHz
–82
–82
dBc
2 V p-p, Frequency = 4 MHz
–72
–72
dBc
Input Voltage Noise
Frequency = 10 kHz
27
27
nV/
√Hz
Input Current Noise
1.4
1.4
pA/
√Hz
DC PERFORMANCE
Offset Voltage
Gain = 1
±1.5
±3
±1.5
±3mV
Gain = 1, TMIN–TMAX
±5
±7mV
Open Loop Gain
DC
64
69
64
69
dB
Gain Error
RL = 1 kΩ, G = ± 1
±0.1
±0.6
±0.1
±0.6
%
Peak Nonlinearity, RL= 1 kΩ,
–1 V
≤ X ≤ +1 V
0.01
0.03
0.01
0.03
% FS
Gain = 1
–1.5 V
≤ X ≤ +1.5 V
0.035
0.07
0.035
0.07
% FS
–2 V
≤ X ≤ +2 V
0.15
0.4
0.15
0.4
% FS
Input Bias Current
VIN = 0 V, +25°C to TMAX
510
5
10
µA
VIN = 0 V, TMIN
713
8
17
µA
Input Offset Current
VIN = 0 V, TMIN–TMAX
0.1
1
0.1
1
µA
INPUT CHARACTERISTICS
Differential Voltage Range
VCM = 0
±2.0
±2.0
V
Differential Clipping Level
2
Pins 1 and 2 Inputs Only
±2.1
±2.3
±2.1
±2.3
V
Common-Mode Voltage Range
VDM = ± 1 V
–12.0
+12.8
–12.0
+12.8
V
CMRR
DC, Pins 1, 2,
±10 V
90
100
90
100
dB
DC, Pins 1, 2,
±10 V, T
MIN–TMAX
88
86
dB
Frequency = 4 MHz
55
60
55
60
dB
Input Resistance
370
370
k
Input Capacitance
2
2
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL ≥ 1 kΩ± 12
+13.8, –13.8
±12
+13.8, –13.8
V
RL ≥ 1 kΩ, ± 16.5 VS
±13
+15.3, –14.7
±13
+15.3, –14.7
V
Short Circuit Current
Short to Ground
±80
±80
mA
Output Current
RL = 150 Ω± 50
±50
mA
POWER SUPPLIES
Operating Range
±4
±16.5
±4
±16.5
V
Quiescent Current
TMIN–TMAX
14.5
17
14.5
17
mA
+ PSRR (to VP)
DC, G = 1
86
86
dB
– PSRR (to VN)
DC, G = 1
68
68
dB
PSRR
DC, G = 1,
±5 to ± 15 V
S
66
71
66
71
dB
PSRR
DC, G = 1,
±5 to ± 15 V
S,
TMIN–TMAX
62
68
60
68
dB
NOTES
1See Standard Military Drawing 5962-9313001MPA for specifications.
2Clipping level function on X channel only.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com