Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830 Datasheet(PDF) 7 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD830 Datasheet HTML 3Page - Analog Devices AD830 Datasheet HTML 4Page - Analog Devices AD830 Datasheet HTML 5Page - Analog Devices AD830 Datasheet HTML 6Page - Analog Devices AD830 Datasheet HTML 7Page - Analog Devices AD830 Datasheet HTML 8Page - Analog Devices AD830 Datasheet HTML 9Page - Analog Devices AD830 Datasheet HTML 10Page - Analog Devices AD830 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD830
REV. A
–7–
Typical Characteristics–
3
–12
–27
1M
1G
100M
10M
100k
–9
–6
–3
0
–24
–21
–18
–15
FREQUENCY – Hz
9
–6
–21
–3
0
3
6
–18
–15
–12
–9
±15V
±5V
R
L = 150Ω
C
L = 0pF
Figure 13. Closed-Loop Gain vs. Frequency for the
Three Common Connections of Figure 16
10
90
100
0%
100mV
20ns
V
S
=
± 15V
V
S
=
± 5V
Figure 14. Small Signal Pulse Response,
RL = 150
Ω, C
L = 4.7 pF, G = +1
9
–6
–21
100k
1G
10M
1M
10k
–3
0
3
6
–18
–15
–12
–9
FREQUENCY – Hz
100M
V
S = ±5V
R
L = 150Ω
C
L = 4.7pF
C
L = 15pF
C
L = 33pF
Figure 15. Closed-Loop Gain vs. Frequency vs.
CL, G = +1. VS = ±5 V
V
1
V
P
OUT
V
N
V
OUT = 2V1
RESISTOR LESS GAIN OF 2
1
2
4
3
8
7
5
6
AD830
C
A=1
G
M
G
M
V
OUT = V1
GAIN OF 1
V
1
V
P
OUT
V
N
1
2
4
3
8
7
5
6
AD830
C
A=1
G
M
G
M
V
OUT = V1
OP-AMP CONNECTION
V
1
V
P
OUT
V
N
1
2
4
3
8
7
5
6
AD830
C
A=1
G
M
G
M
(a)
(b)
(c)
Figure 16. Connection Diagrams
10
90
100
0%
1V
20ns
V
S
=
± 15V
V
S
=
± 5V
Figure 17. Large Signal Pulse Response,
RL = 150 Ω, CL = 4.7 pF, G = +1
9
–6
–21
100k
100M
10M
1M
10k
–3
0
3
6
–18
–15
–12
–9
FREQUENCY – Hz
V
S = +15V
R
L = 150Ω
C
L = 4.7pF
C
L = 15pF
C
L = 33pF
1G
Figure 18. Closed-Loop Gain vs. Frequency, vs.
CL, G = +1. VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com