Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830JR Datasheet(PDF) 10 Page - Analog Devices

Part # AD830JR
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830JR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD830JR Datasheet HTML 6Page - Analog Devices AD830JR Datasheet HTML 7Page - Analog Devices AD830JR Datasheet HTML 8Page - Analog Devices AD830JR Datasheet HTML 9Page - Analog Devices AD830JR Datasheet HTML 10Page - Analog Devices AD830JR Datasheet HTML 11Page - Analog Devices AD830JR Datasheet HTML 12Page - Analog Devices AD830JR Datasheet HTML 13Page - Analog Devices AD830JR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD830
REV. A
–10–
INTERFACING THE INPUT
Common-Mode Voltage Range
The common-mode range of the AD830 is defined by the am-
plitude of the differential input signal and the supply voltage.
The general definition of common-mode voltage, VCM, is usu-
ally applied to a symmetrical differential signal centered about a
particular voltage as illustrated by the diagram in Figure 23.
This is the meaning implied here for common-mode voltage.
The internal circuitry establishes the maximum allowable volt-
age on the input or feedback pins for a given supply voltage.
This constraint and the differential input voltage sets the
common-mode voltage limit. Figure 24 shows a curve of the
common-mode voltage range vs. differential voltage for three
supply voltage settings.
VMAX
VPEAK
VCM
Figure 23. Common-Mode Definition
15
0
2.0
3
0
6
9
12
1.6
1.2
0.8
0.4
+V
CM
±15V = V
S
±10V = V
S
±5V = V
S
+V
CM
+V
CM
–V
CM
–V
CM
–V
CM
DIFFERENTIAL INPUT VOLTAGE – V
PEAK
Figure 24. Input Common-Mode Voltage Range vs.
Differential Input Voltage
Differential Voltage Range
The maximum applied differential voltage is limited by the clip-
ping range of the input stages. This is nominally set at 2.4 volts
magnitude and depicted in the crossplot (X-Y) photo of Figure
25. The useful linear range of the input stages is set at 2 volts,
but is actually a function of the distortion required for a particu-
lar application. The distortion increases for larger differential
input voltages. A plot of relative distortion versus input differen-
tial voltage is shown in Figures 8 and 11 in the Typical Charac-
teristics section. The distortion characteristics could impose a
secondary limit to the differential input voltage for high accu-
racy applications.
10
90
100
0%
1V
1V
Figure 25. Clipping Behavior
15
0
20
3
0
6
9
12
16
12
8
4
SUPPLY VOLTAGE – Volts
V
P
V
N
Figure 26. Maximum Output Swing vs. Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com