Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830JR Datasheet(PDF) 3 Page - Analog Devices

Part # AD830JR
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830JR Datasheet(HTML) 3 Page - Analog Devices

  AD830JR Datasheet HTML 1Page - Analog Devices AD830JR Datasheet HTML 2Page - Analog Devices AD830JR Datasheet HTML 3Page - Analog Devices AD830JR Datasheet HTML 4Page - Analog Devices AD830JR Datasheet HTML 5Page - Analog Devices AD830JR Datasheet HTML 6Page - Analog Devices AD830JR Datasheet HTML 7Page - Analog Devices AD830JR Datasheet HTML 8Page - Analog Devices AD830JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD830
REV. A
–3–
(VS =
5 V, RLOAD = 150
, CLOAD = 5 pF, TA = +25 C unless otherwise noted)
AD830J/A
AD830S
1
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC CHARACTERISTICS
3 dB Small Signal Bandwidth
Gain = 1, VOUT = 100 mV rms
35
40
35
40
MHz
0.1 dB Gain Flatness Frequency
Gain = 1, VOUT = 100 mV rms
5
6.5
5
6.5
MHz
Differential Gain Error
0 to +0.7 V, Frequency = 4.5 MHz,
G = +2
0.14
0.18
0.14
0.18
%
Differential Phase Error
0 to +0.7 V, Frequency = 4.5 MHz,
G = +2
0.32
0.4
0.32
0.4
Degrees
Slew Rate, Gain = 1
2 V Step, RL = 500 Ω
210
210
V/
µs
4 V Step, RL = 500 Ω
240
240
V/
µs
3 dB Large Signal Bandwidth
Gain = 1, VOUT = 1 V rms
30
36
30
36
MHz
Settling Time
VOUT = 2 V Step, to 0.1%
35
35
ns
VOUT = 4 V Step, to 0.1%
48
48
ns
Harmonic Distortion
2 V p-p, Frequency = 1 MHz
–69
–69
dBc
2 V p-p, Frequency = 4 MHz
–56
–56
dBc
Input Voltage Noise
Frequency = 10 kHz
27
27
nV/
√Hz
Input Current Noise
1.4
1.4
pA/
√Hz
DC PERFORMANCE
Offset Voltage
Gain = 1
±1.5
±3
±1.5
±3mV
Gain = 1, TMIN–TMAX
±4
±5mV
Open Loop Gain
DC
60
65
60
65
dB
Unity Gain Accuracy
RL = 1 kΩ± 0.1
±0.6
±0.1
±0.6
%
Peak Nonlinearity, RL= 1 kΩ
–1 V
≤ X ≤ +1 V
0.01
0.03
0.01
0.03
% FS
–1.5 V
≤ X ≤ +1.5 V
0.045
0.07
0.045
0.07
% FS
–2 V
≤ X ≤ +2 V
0.23
0.4
0.23
0.4
% FS
Input Bias Current
VIN = 0 V, +25°C to TMAX
510
5
10
µA
VIN = 0 V, TMIN
713
8
17
µA
Input Offset Current
VIN = 0 V, TMIN–TMAX
0.1
1
0.1
1
µA
INPUT CHARACTERISTICS
Differential Voltage Range
VCM = 0
±2.0
±2.0
V
Differential Clipping Level
2
Pins 1 and 2 Inputs Only
±2.0
±2.2
±2.0
±2.2
V
Common-Mode Voltage Range
VDM = ± 1 V
–2.0
+2.9
–2.0
+2.9
V
CMRR
DC, Pins 1, 2, +4 V to –2 V
90
100
90
100
dB
DC, Pins 1, 2, +4 V to –2 V,
TMIN–TMAX
88
86
dB
Frequency = 4 MHz
55
60
55
60
dB
Input Resistance
370
370
k
Ω
Input Capacitance
2
2
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL ≥ 150 Ω± 3.2
±3.5
±3.2
±3.5
V
RL ≥ 150 Ω, ± 4 VS
±2.2
+2.7, –2.4
±2.2
+2.7, –2.4
V
Short Circuit Current
Short to Ground
–55, +70
–55, +70
mA
Output Current
±40
±40
mA
POWER SUPPLIES
Operating Range
±4
±16.5
±4
±16.5
V
Quiescent Current
TMIN–TMAX
13.5
16
13.5
16
mA
+ PSRR (to VP)
DC, G = 1, Offset
86
86
dB
– PSRR (to VN)
DC, G = 1, Offset
68
68
dB
PSRR (Dual Supply)
DC, G = 1,
±5 to ± 15 V
S
66
71
66
71
dB
PSRR (Dual Supply)
DC, G = 1,
±5 to ± 15 V
S,
TMIN–TMAX
62
68
60
68
dB
NOTES
1See Standard Military Drawing 5962-9313001MPA for specifications.
2Clipping level function on X channel only.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com