Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830JR Datasheet(PDF) 12 Page - Analog Devices

Part # AD830JR
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830JR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD830JR Datasheet HTML 8Page - Analog Devices AD830JR Datasheet HTML 9Page - Analog Devices AD830JR Datasheet HTML 10Page - Analog Devices AD830JR Datasheet HTML 11Page - Analog Devices AD830JR Datasheet HTML 12Page - Analog Devices AD830JR Datasheet HTML 13Page - Analog Devices AD830JR Datasheet HTML 14Page - Analog Devices AD830JR Datasheet HTML 15Page - Analog Devices AD830JR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD830
REV. A
–12–
SUPPLIES, BYPASSING AND GROUNDING (FIGURE 29)
The AD830 is capable of operating over a wide range of supply
voltages, both single and dual supplies. The coupling may be dc
or ac provided the input and output voltages stay within the
specified common-mode voltage limits. For dual supplies, the
device works from
±4 V to ±16.5 V. Single supply operation is
possible over +8 V to +33 V. It is also possible to operate the
part with split supply voltages (e.g., +24 V, –5 V) for special
applications such as level shifting. The primary constraint is that
the total potential between the two supplies does not exceed
33 V.
Inclusion of power supply bypassing capacitors is necessary to
achieve stable behavior and the specified performance. It is es-
pecially important when driving low resistance loads. At a mini-
mum, connect a 0.1
µF ceramic capacitor at the supply lead of
the AD830 package. In addition, for the best by passing, we rec-
ommend connecting a 0.01
µF ceramic capacitor and 4.7 µF
tantalum capacitor to the supply lead going to the AD830.
0.1
µF
LOAD
GND
LEAD
VP
AND
VN
0.01
µF
4.7
µF
VP
AND
VN
LOAD
GND
LEAD
(a)
(b)
Figure 29. Supply Decoupling Options
The AD830 is designed by its functionality to be capable of
rejecting noise and dissimilar potentials in the ground lines.
Therefore, proper care is necessary to realize the benefits of the
differential amplification of the part. Separation of the input and
output grounds is crucial in rejection of the common mode
noise at the inputs and eliminating any ground drops on the in-
put signal line. For example, connecting the ground of a coaxial
cable to the AD830 output common (board ground) could de-
grade the CMR and also introduce power-down loading on
cable grounds. However, it is also necessary as in any electronic
system, to provide a return path for bias currents back to their
original power supply. This is accomplished by providing a con-
nection between the differing grounds through a modest imped-
ance labeled ZCM (e.g., 100
Ω).
Single Supply Operation
The AD830 is capable of operating in single power supply appli-
cations down to a voltage of +8 V, with the generalized connec-
tion shown in Figure 30. There is a constraint on the
common-mode voltage at the input and output which estab-
lishes the range for these voltages. Direct coupling may be used
for input and output voltages which lie in these ranges. Any gain
network applied needs to be referred to the output common
connection or have an appropriate offset voltage. In situations
where the signal lies at a common voltage outside the common
mode range of the AD830 direct coupling will not work, so ac
coupling should be used. A tested application included later in
this data sheet (Figure 42), shows how to easily accomplish cou-
pling to the AD830. For single supply operation where direct
coupling is desired the input and output common-mode curves
(Figures 31 and 32) should be used.
5
8
4
1
2
3
7
6
A=1
AD830
G
M
C
+
–
V
P
+
–
+
–
V
OUT
V
OCM
V
ICM
V
IN
V
OUT = (VIN – VICM ) + VOCM
G
M
Figure 30. General Single Supply Connection
30
0
2.0
4
0
12
16
24
1.6
1.2
0.8
0.4
DIFFERENTIAL INPUT VOLTAGE – V
PEAK
8
28
20
V
P = +30V
V
P = +15V
V
P = +10V
TO GND
Figure 31. Input Common-Mode Range for Single Supply
0
30
4
10
12
16
24
26
22
18
14
SUPPLY VOLTAGE – Volts
8
28
20
TO V
P
TO GND
Figure 32. Output Swing Limit for Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com