Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830JR Datasheet(PDF) 1 Page - Analog Devices

Part # AD830JR
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830JR Datasheet(HTML) 1 Page - Analog Devices

  AD830JR Datasheet HTML 1Page - Analog Devices AD830JR Datasheet HTML 2Page - Analog Devices AD830JR Datasheet HTML 3Page - Analog Devices AD830JR Datasheet HTML 4Page - Analog Devices AD830JR Datasheet HTML 5Page - Analog Devices AD830JR Datasheet HTML 6Page - Analog Devices AD830JR Datasheet HTML 7Page - Analog Devices AD830JR Datasheet HTML 8Page - Analog Devices AD830JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CONNECTION DIAGRAM
8-Pin Plastic Mini-DIP (N),
Cerdip (Q) and SOIC (R) Packages
X1
X2
Y1
Y2
VP
OUT
NC
VN
AD830
NC = NO CONNECT
1
2
3
4
8
7
6
5
A=1
V
→1
V
→1
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Speed, Video
Difference Amplifier
AD830
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Differential Amplification
Wide Common-Mode Voltage Range: +12.8 V, –12 V
Differential Voltage Range:
2 V
High CMRR: 60 dB @ 4 MHz
Built-in Differential Clipping Level:
2.3 V
Fast Dynamic Performance
85 MHz Unity Gain Bandwidth
35 ns Settling Time to 0.1%
360 V/ s Slew Rate
Symmetrical Dynamic Response
Excellent Video Specifications
Differential Gain Error: 0.06%
Differential Phase Error: 0.08
15 MHz (0.1 dB) Bandwidth
Flexible Operation
High Output Drive of
50 mA min
Specified with Both
5 V and
15 V Supplies
Low Distortion: THD = –72 dB @ 4 MHz
Excellent DC Performance: 3 mV max Input Offset
Voltage
APPLICATIONS
Differential Line Receiver
High Speed Level Shifter
High Speed In-Amp
Differential to Single Ended Conversion
Resistorless Summation and Subtraction
High Speed A/D Driver
PRODUCT DESCRIPTION
The AD830 is a wideband, differencing amplifier designed for
use at video frequencies but also useful in many other applica-
tions. It accurately amplifies a fully differential signal at the
FREQUENCY – Hz
110
30
10M
50
40
1k
70
60
80
90
100
1M
100k
10k
V
S = ±15V
V
S = ±5V
Common-Mode Rejection Ratio vs. Frequency
input and produces an output voltage referred to a user-chosen
level. The undesired common-mode signal is rejected, even at
high frequencies. High impedance inputs ease interfacing to fi-
nite source impedances and thus preserve the excellent
common-mode rejection. In many respects, it offers significant
improvements over discrete difference amplifier approaches, in
particular in high frequency common-mode rejection.
The wide common-mode and differential-voltage range of the
AD830 make it particularly useful and flexible in level shifting
applications, but at lower power dissipation than discrete solu-
tions. Low distortion is preserved over the many possible differ-
ential and common-mode voltages at the input and output.
Good gain flatness and excellent differential gain of 0.06% and
phase of 0.08
° make the AD830 suitable for many video system
applications. Furthermore, the AD830 is suited for general pur-
pose signal processing from dc to 10 MHz.
9
–6
–21
100k
1G
10M
1M
10k
–3
0
3
6
–18
–15
–12
–9
FREQUENCY – Hz
100M
V
S = ±5V
R
L = 150Ω
C
L = 4.7pF
C
L = 15pF
C
L = 33pF
Closed-Loop Gain vs. Frequency, Gain = +1


Similar Part No. - AD830JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830JR AD-AD830JR Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
AD830JR-REEL AD-AD830JR-REEL Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
AD830JR-REEL7 AD-AD830JR-REEL7 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
AD830JRZ AD-AD830JRZ Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
AD830JRZ AD-AD830JRZ Datasheet
540Kb / 20P
High Speed, Video Difference Amplifier
Jan-2018
More results

Similar Description - AD830JR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_15 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
logo
Linear Technology
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_17 Datasheet
540Kb / 20P
High Speed, Video Difference Amplifier
Jan-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com