Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8381AST Datasheet(PDF) 7 Page - Analog Devices

Part # AD8381AST
Description  Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8381AST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8381AST Datasheet HTML 3Page - Analog Devices AD8381AST Datasheet HTML 4Page - Analog Devices AD8381AST Datasheet HTML 5Page - Analog Devices AD8381AST Datasheet HTML 6Page - Analog Devices AD8381AST Datasheet HTML 7Page - Analog Devices AD8381AST Datasheet HTML 8Page - Analog Devices AD8381AST Datasheet HTML 9Page - Analog Devices AD8381AST Datasheet HTML 10Page - Analog Devices AD8381AST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD8381
–7–
–0.25%
10ns/DIV
VIDx
CL
150pF
VMID = 7V
VFS = 5V
0.25%
0.00%
–0.50%
–0.75%
–1.00%
7V
t = 0
TPC 7. Output Settling Time (Rising Edge) at CL,
5 V STEP, INV = LOW
–0.25%
10ns/DIV
VIDx
CL
150pF
VMID = 7V
VFS = 5V
0.00%
–0.50%
–0.75%
–1.00%
12V
t = 0
TPC 8. Output Settling Time (Rising Edge) at CL, 5 V Step,
INV = HIGH
20ns/DIV
5V
+30mV
+20mV
+10mV
VMID = 7V
–10mV
–20mV
VID5
VID0 – VID4
TPC 9. All-Hostile Crosstalk at CL
0.75%
10ns/DIV
VIDx
CL
150pF
VMID = 7V
VFS = 5V
1.00%
0.50%
0.25%
0.00%
2V
–0.25%
–0.50%
–0.75%
–1.00%
t = 0
TPC 10. Output Settling Time (Falling Edge) at CL,
5 V STEP, INV = LOW
0.75%
10ns/DIV
VIDx
CL
150pF
VMID = 7V
VFS = 5V
1.00%
0.50%
0.25%
0.00%
7V
t = 0
–0.25%
–0.50%
–0.75%
TPC 11. Output Settling Time (Falling Edge) at CL,
5 V Step, INV = HIGH
20ns/DIV
+10mV
VMID = 7V
–10mV
DB (0:9)
TPC 12. Data Switching Transient (Feedthrough) at CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com