Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8381AST Datasheet(PDF) 11 Page - Analog Devices

Part # AD8381AST
Description  Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8381AST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8381AST Datasheet HTML 7Page - Analog Devices AD8381AST Datasheet HTML 8Page - Analog Devices AD8381AST Datasheet HTML 9Page - Analog Devices AD8381AST Datasheet HTML 10Page - Analog Devices AD8381AST Datasheet HTML 11Page - Analog Devices AD8381AST Datasheet HTML 12Page - Analog Devices AD8381AST Datasheet HTML 13Page - Analog Devices AD8381AST Datasheet HTML 14Page - Analog Devices AD8381AST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
AD8381
–11–
TRANSFER FUNCTION
The AD8381 has two regions of operation, selected by the INV
input, where the video output voltages are either above or below
a reference voltage, applied externally at the VMID input.
The transfer function defines the analog output voltage as the
function of the digital input code as follows:
VOUT
VMID VFS
n
=±
× 


1
1023
–
where:
n = input code
VFS = 2
× (VREFHI – VREFLO)
1023
INPUT CODE
AVCC
VMID
VOUT (V)
0
(VMID + VFS)
(VMID – VFS)
INV = HIGH
INV = LOW
VOUTP(n)
VOUTN(n)
AGND
Figure 5. Transfer Function
The region over which the output voltage varies with input code
is selected by the INV input. When INV is LOW, the output
voltage increases from (VMID – VFS), (where VFS = the full-
scale output voltage), to VMID as the input code increases from
0 to 1023. When INV is HIGH, the output voltage decreases
from (VMID + VFS) to VMID with increasing input code.
For each value of input code there are then two possible values
of output voltage. When INV is LOW, the output is defined as
VOUTP(n) where n is the input code and P indicates the oper-
ating region where the slope of the transfer function is positive.
When INV is HIGH, the output is defined as VOUTN(n) where n
indicates the operating region where the slope of the transfer
function is negative.
ACCURACY
To best correlate transfer function errors to image artifacts, the
overall accuracy of the AD8381 is defined by two parameters,
VDE and VCME.
VDE, the differential error voltage, measures the deviation of the
rms value of the output from the rms value of the ideal. It is depen-
dent on the difference between the output amplitudes VOUTN(n)
and VOUTP(n) at a particular code. The defining expression is:
VDE
VOUTN n
VOUTP n
VFS
n
=×
()
× 




1
2
1
1023
() –
( ) –
–
where:
1
2
×
()
VOUTN n
VOUTP n
() –
( ) is the rms value of the output,
(VFS
× (1 – n/1023)) is the rms value of the ideal.
VCME, the common-mode error voltage, measures the devia-
tion of the average value of the output from the average value of
the ideal. It is dependent on the average between the output
amplitudes VOUTN(n) and VOUTP(n) at a particular code.
The defining expression is:
VCME
VOUTN n
VOUTP n
VMID
=×
×
+
()


1
2
1
2
()
() –
where:
1
2
×+
()
VOUTN n
VOUTP n
()
() is the average value of the output,
VMID is the average value of the ideal.
MAXIMUM FULL-SCALE OUTPUT VOLTAGE
The following conditions limit the range of usable output voltages:
•The internal DACs limit the minimum allowed voltage at the
VMID input to 5.3 V.
•The scale factor control loop limits the maximum full-scale
output voltage to 5.75 V.
•The output amplifiers settle cleanly at voltages within 1.3 V
from the supply rails.
•The common-mode range of the output amplifiers limit the
maximum value of VMID to AVCC – 3.
At any given valid value of VMID, the voltage required to reach
any one of the above limits defines the maximum usable full-
scale output voltage VFSMAX.
VFSMAX is the envelope in Figure 6. The valid range of VMID
is the shaded area.
AVCC
AVCC/2
4.3
VFS (V)
5.75
AVCC/2–1.3
2
VALID VMID
0
5.3
7
AVCC–7
AVCC–3
AVCC/2
VMID (V)
Figure 6. VFSMAX vs. VMID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com