Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8381AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD8381AST
Description  Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8381AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8381AST Datasheet HTML 8Page - Analog Devices AD8381AST Datasheet HTML 9Page - Analog Devices AD8381AST Datasheet HTML 10Page - Analog Devices AD8381AST Datasheet HTML 11Page - Analog Devices AD8381AST Datasheet HTML 12Page - Analog Devices AD8381AST Datasheet HTML 13Page - Analog Devices AD8381AST Datasheet HTML 14Page - Analog Devices AD8381AST Datasheet HTML 15Page - Analog Devices AD8381AST Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. 0
AD8381
–15–
OUTLINE DIMENSIONS
Dimensions shown in millimeters and (inches)
48-Lead LQFP
(ST-48)
0.039 (1.00)
REF
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.011 (0.27)
0.009 (0.22)
0.007 (0.17)
0.019 (0.50)
BSC
0.276
(7.00)
BSC
SQ
0.354 (9.00)
BSC SQ
SEATING
PLANE
0.063 (1.60)
MAX
0.030 (0.75)
0.024 (0.60)
0.018 (0.45)
VIEW A
7
3.5
0
0.008 (0.20)
0.004 (0.09)
0.057 (1.45)
0.055 (1.40)
0.053 (1.35)
0.006 (0.15)
0.002 (0.05)
0.003 (0.08)
MAX
VIEW A
ROTATED 90 CCW
NOTE:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27 (0.0106)
0.22 (0.0087)
0.17 (0.0067)
0.50 (0.0197)
BSC
7.00
(0.2756)
BSC
SQ
9.00 (0.3543)
BSC SQ
SEATING
PLANE
1.60 (0.0630)
MAX
0.75 (0.0295)
0.60 (0.0236)
0.45 (0.0177)
VIEW A
7
3.5
0
0.20 (0.0079)
0.09 (0.0035)
1.45 (0.0571)
1.40 (0.0551)
1.35 (0.0531)
0.15 (0.0059)
0.05 (0.0020)
COPLANARITY
0.08 (0.0031) MAX
VIEW A
ROTATED 90 CCW
GAGE PLANE
0.25 (0.0098)
PIN 1
INDICATOR
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-026-BBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com