Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8381AST Datasheet(PDF) 12 Page - Analog Devices

Part # AD8381AST
Description  Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8381AST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8381AST Datasheet HTML 8Page - Analog Devices AD8381AST Datasheet HTML 9Page - Analog Devices AD8381AST Datasheet HTML 10Page - Analog Devices AD8381AST Datasheet HTML 11Page - Analog Devices AD8381AST Datasheet HTML 12Page - Analog Devices AD8381AST Datasheet HTML 13Page - Analog Devices AD8381AST Datasheet HTML 14Page - Analog Devices AD8381AST Datasheet HTML 15Page - Analog Devices AD8381AST Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
AD8381
–12–
Operating Modes—Six-Channel Systems
The simplest full color LCD-based system is characterized by an
image processor with a single 10-bit-wide data bus and a 6-channel
LCD per color.
Such systems usually have VGA or SVGA resolution and require a
single AD8381 per color.
The INV input facilitates column and row inversion for
these systems.
–6
0
6
VID0
–5
1
7
VID1
–4
2
8
VID2
–3
3
9
VID3
–2
4
10
VID4
–1
5
11
VID5
CLK
STSQ
XFR
01
2
3
45
6
7
8
9
10
–1
11
12
DB(0:9)
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
0
6
12
1
7
2
8
3
9
4
10
–1
5
11
Figure 7. Six-Channel System Timing Diagram, E/O = H,
R/L = LOW
Operating Modes—12-Channel Systems
Single and dual data bus type 12-channel systems are com-
monly in use.
The single data bus 12-channel system is characterized by an
image processor with a single, 10-bit data bus and a 12-channel
LCD per color. The maximum resolution of such a system is
usually up to 85 Hz XGA or 75 Hz SXGA and requires two
AD8381s per color.
One AD8381 is set to run in EVEN mode while the other is in
ODD mode. Both AD8381s share the same data bus and CLK.
The timing diagram of such a system is shown in Figure 8.
The dual data bus 12-channel system is characterized by an
image processor with two 10-bit parallel data buses and a
12-channel LCD. The maximum resolution of such a system
is usually up to 75 Hz UXGA and requires two AD8381s per color.
Both AD8381s may be set to run in EVEN mode and may share
the same CLK. The timing diagram of each AD8381 in such
a system is identical to that of the 6-channel system.
The INV input facilitates column, row, and pixel inversion for
both types of 12-channel systems.
0
2
4
6
8
10
12
14
16
18
20
22
–2
0
2
4
6
8
10
12
14
18
20
22
CH0
CH1
CH2
CH3
CH4
CH5
VID0
VID1
VID2
VID3
VID4
VID5
16
1
3
5
7
9
11
13
15
17
19
21
23
1
3
5
7
9
11
CH0
CH1
CH2
CH3
CH4
CH5
VID0
VID1
VID2
VID3
VID4
VID5
13
15
17
19
21
23
–3
STSQ
EVEN
STSQ
ODD
XFR
R/L
E/O
EVEN
E/O
ODD
PIXEL CLK
–3 –2
12345
6
7
8
9 10
12 13 14 15 16 17 18 19 20 21 22 23 24
DB (0:9)
CLK
0
–1
–12
–10
–8
–6
–4
–2
–1
–11
–9
–7
–5
–3
–1
11
Figure 8. Twelve-Channel Even/Odd System Timing
Diagram
Operating Modes—Large Channel Count Systems
To facilitate 18, 24, or higher channel systems, any number of
required AD8381s may be cascaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com