Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 3Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 4Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AN30180A
7
Ver. AEB
PIN FUNCTION
Power supply pin
Power supply
AVIN
A1
Feed Back voltage pin
Input
FB
A2
Ground pin
Ground
AGND
A3
Power supply pin for internal Power MOS
Power supply
PVIN
B1
ON / OFF Control pin
Input
EN
B2
Output voltage control 2 pin
Input
CNT2
B3
LX Terminal Output
Output
LX
C1
Power Ground
Ground
PGND
C2
Output voltage control 1 pin
Input
CNT1
C3
Description
Type
Pin name
Pin No.
PIN CONFIGURATION
Top View
A1
A2
A3
B1
B2
B3
C1
C2
C3
Notes) Concerning detail about pin description, please refer to OPERATION and APPLICATION INFORMATION section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com