Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 12Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 13Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 14Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 15Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AN30180A
12
Ver. AEB
OPERATION (Continued)
1. Power ON / OFF sequence
VIN
UVLO
VOUT
BGR
(1)(2) (3)
(5)
DCDC_ON
EN
SS
(4)
25
μs
(1) When the EN pin is set to “High” after the VIN settles,
the BGR start-up.
(2) When the BGR exceeds its threshold value, the
UVLO is released and the SS(SOFT START)
sequence is enabled.
During soft start the current limit of DC-DC Step
Down Regulator is set to be lower than Normal
current limit
for preventing rush current.
Internal circuit power supply is turned on and wait for
the time determined by internal timer.
(3) DCDC_ON is turned on then DC-DC Step Down
Regulator is enabled. VOUT is risen up to reaches
the set voltage.
(4) After a Soft start timer current limit is set to be
Normal current limit.
(5) When the EN pin is set to “Low”, the BGR and UVLO
stop operation. The VOUT pin voltage starts to drop
by output discharge resister and load resistance.
2. Protection
Output Over-Current Protection (OCP) function and
Short-Circuit Protection (OSP) function
(1) The Over-Current Protection is activated at about
1.8 A (Typ.).
During the OCP, the output voltage continues to
drop at the specified current.
(2) The Short-Circuit Protection function is
implemented when the output voltage decreases
and the VFB pin reaches to about 70 % of the
output voltage setting.
(3) The OSP operates intermittently at 2ms-ON,
16ms-OFF intervals.
Figure : OCP and OSP Operation
Output current [A]
Pendency
characteristics
(Ground short
protection detection
- about 70 % of Vout )
Intermittent
operation area
Over Current Protection (typ:1.8 A)
about 150 mA
(1)
(2)
(3)
VOUT
DCDC_ON
OSP
(3)
IOUT
(1)
(2)
16 ms
2 ms
16 ms
2 ms
SS
(2)
1.3 to 2.3 A
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com