Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 12Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 13Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 14Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 15Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 16Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AN30180A
15
Ver. AEB
IMPORTANT NOTICE
1.The products and product specifications described in this book are subject to change without notice for
modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore,
ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your
requirements.
2.When using the LSI for new models, verify the safety including the long-term reliability for each product.
3.When the application system is designed by using this LSI, be sure to confirm notes in this book.
Be sure to read the notes to descriptions and the usage notes in the book.
4.The technical information described in this book is intended only to show the main characteristics and application
circuit examples of the products. No license is granted in and to any intellectual property right or other right owned
by Panasonic Corporation or any other company. Therefore, no responsibility is assumed by our company as to
the infringement upon any such right owned by any other company which may arise as a result of the use of
technical information de-scribed in this book.
5.This book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of
our company.
6.This LSI is intended to be used for general electronic equipment.
Consult our sales staff in advance for information on the following applications: Special applications in which
exceptional quality and reliability are required, or if the failure or malfunction of this LSI may directly jeopardize
life or harm the human body.
Any applications other than the standard applications intended.
(1) Space appliance (such as artificial satellite, and rocket)
(2) Traffic control equipment (such as for automobile, airplane, train, and ship)
(3) Medical equipment for life support
(4) Submarine transponder
(5) Control equipment for power plant
(6) Disaster prevention and security device
(7) Weapon
(8) Others : Applications of which reliability equivalent to (1) to (7) is required
It is to be understood that our company shall not be held responsible for any damage incurred as a result of or in
connection with your using the LSI described in this book for any special application, unless our company agrees
to your using the LSI in this book for any special application.
7.This LSI is neither designed nor intended for use in automotive applications or environments unless the specific
product is designated by our company as compliant with the ISO/TS 16949 requirements.
Our company shall not be held responsible for any damage incurred by you or any third party as a result of or in
connection with your using the LSI in automotive application, unless our company agrees to your using the LSI in
this book for such application.
8.If any of the products or technical information described in this book is to be exported or provided to non-residents,
the laws and regulations of the exporting country, especially, those with regard to security export control, must be
observed.
9. Please use this product in compliance with all applicable laws and regulations that regulate the inclusion or use of
controlled substances, including without limitation, the EU RoHS Directive.
Our company shall not be held responsible for any damage incurred as a result of your using the LSI not
complying with the applicable laws and regulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com