Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPSZ2012D1R0 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 12Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 13Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 14Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 15Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 16Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AN30180A
14
Ver. AEB
PACKAGE INFORMATION (Reference Data)
Bump : SnAgCu
Reroute Material : Cu
Body Material : Br/Sb Free Epoxy Resin
Unit:mm
Outline Drawing
Package Code : UBGA009-W-1515AEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com