Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8554 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8554
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8554 Datasheet HTML 4Page - Analog Devices AD8554 Datasheet HTML 5Page - Analog Devices AD8554 Datasheet HTML 6Page - Analog Devices AD8554 Datasheet HTML 7Page - Analog Devices AD8554 Datasheet HTML 8Page - Analog Devices AD8554 Datasheet HTML 9Page - Analog Devices AD8554 Datasheet HTML 10Page - Analog Devices AD8554 Datasheet HTML 11Page - Analog Devices AD8554 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8551/AD8552/AD8554
–8–
REV. 0
FREQUENCY – Hz
140
80
0
100
1k
10M
10k
100k
1M
60
120
20
40
100
+PSRR
PSRR
VSY = 1.35V
Figure 28. PSRR vs. Frequency
at
±1.35 V
3.0
2.5
2.0
1.5
0.5
1.0
VSY = 2.5V
RL = 2k
AV = +1
THD+N < 1%
TA = +25 C
3.5
4.0
4.5
5.0
5.5
FREQUENCY – Hz
0
100
1k
1M
10k
100k
Figure 31. Maximum Output Swing
vs. Frequency at +5 V
VSY = +2.7V
RS = 0
0.5
FREQUENCY – kHz
1.0
1.5
2.0
2.5
0
52
78
104
130
156
182
26
Figure 34. Voltage Noise Density at
+2.7 V from 0 Hz to 2.5 kHz
+PSRR
PSRR
VSY = 2.5V
FREQUENCY – Hz
140
80
0
100
1k
10M
10k
100k
1M
60
120
20
40
100
Figure 29. PSRR vs. Frequency
at
±2.5 V
1s
2mV
VSY = 1.35V
AV = 10,000
0V
Figure 32. 0.1 Hz to 10 Hz Noise
at +2.7 V
VSY = +2.7V
RS = 0
5
FREQUENCY – kHz
10
15
20
25
0
32
48
64
80
96
112
16
Figure 35. Voltage Noise Density at
+2.7 V from 0 Hz to 25 kHz
FREQUENCY – Hz
3.0
2.5
0
100
1k
1M
10k
100k
2.0
1.5
0.5
1.0
VSY = 1.35V
RL = 2k
AV = +1
THD+N < 1%
TA = +25 C
Figure 30. Maximum Output Swing
vs. Frequency at +2.7 V
1s
2mV
VSY = 2.5V
AV = 10,000
Figure 33. 0.1 Hz to 10 Hz Noise at +5 V
VSY = +5V
RS = 0
0.5
FREQUENCY – kHz
1.0
1.5
2.0
2.5
0
26
39
52
65
78
91
13
Figure 36. Voltage Noise Density at
+5 V from 0 Hz to 2.5 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com